Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL755, ILD755
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Mar-2021
1
Document Number: 83641
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Photodarlington Output, AC Input,
High Gain (Single, Dual Channel)
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The IL755, ILD755 are bidirectional input optically coupled
isolators. They consist of two gallium arsenide infrared
emitting diodes coupled to a silicon NPN photodarlington
per channel.
The IL755 is single channel Darlington optocoupler. The
ILD755 has two isolated channels in a single DIP package.
FEATURES
• AC or polarity insensitive inputs
• Built-in reverse polarity input protection
• Industry standard DIP package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Designed
for
applications
requiring
detection
or
monitoring of AC signals
AGENCY APPROVALS
• UL / cUL 1577
• DIN EN 60747-5-5 (VDE 0884-5) for:
- IL755
- ILD755
• CSA
• CQC GB8898 / CQC GB4943.1
• BSI
Note
• Additional options may be possible, please contact sales office
B
C
E
NC
A/C
C/A
1
2
3
6
5
4
E
C
C
E
A
A
1
2
3
4
5
6
7
8
C
C
i179037-1
Related
Documents
ORDERING INFORMATION
IL
x
7
5
5
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED /
PACKAGE
CTR (%)
SINGLE CHANNEL, 6 PIN
DUAL CHANNEL, 8 PIN
± 2 mA
± 1 mA
± 2 mA
± 1 mA
UL, cUL, CSA, CQC
≥ 750
≥ 1000
≥ 750
≥ 1000
DIP-#
IL755-1
IL755-2
ILD755-1
ILD755-2
SMD-#, option 7
IL755-1X007
IL755-2X007T
-
ILD755-2X007T
VDE, UL, cUL, CSA, CQC
≥ 750
≥ 1000
≥ 750
≥ 1000
DIP-#
IL755-1X001
-
-
-
SMD-#, option 7
-
-
ILD755-1X017
-
7.62 mm
DIP-#
> 0.7 mm
Option 7


Similar Part No. - IL755

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
IL755 VISHAY-IL755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
IL755-1 VISHAY-IL755-1 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
IL755-1 VISHAY-IL755-1 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
More results

Similar Description - IL755

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
26-Oct-04
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
ILD755 VISHAY-ILD755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com