Electronic Components Datasheet Search
  English  ▼

X  

74F598 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F598
Description  8-bit shift register with input storage registers 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F598 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F598 Datasheet HTML 3Page - NXP Semiconductors 74F598 Datasheet HTML 4Page - NXP Semiconductors 74F598 Datasheet HTML 5Page - NXP Semiconductors 74F598 Datasheet HTML 6Page - NXP Semiconductors 74F598 Datasheet HTML 7Page - NXP Semiconductors 74F598 Datasheet HTML 8Page - NXP Semiconductors 74F598 Datasheet HTML 9Page - NXP Semiconductors 74F598 Datasheet HTML 10Page - NXP Semiconductors 74F598 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74F598
8-bit shift register with input storage registers (3-State)
1991 Oct 21
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
SHCP
Waveform 1
85
100
70
MHz
STCP
140
160
130
tPLH
tPHL
Propagation delay
SHCP to Qs
Waveform 1
9.5
6.5
11.5
8.5
14.0
11.5
8.5
6.0
16.0
12.0
ns
tPLH
tPHL
Propagation delay
STCP to Qs (SHLD = Low)
Waveform 1
10.0
7.0
11.5
8.5
14.5
11.5
9.0
6.5
16.0
12.5
ns
tPLH
tPHL
Propagation delay
SHLD to Qs
Waveform 1
9.0
6.0
11.0
8.0
13.5
10.5
8.0
5.5
15.5
11.5
ns
tPLH
tPHL
Propagation delay
SHCP to I/On
Waveform 1
8.5
5.0
10.5
7.0
13.5
9.5
7.0
4.5
15.5
10.5
ns
tPLH
tPHL
Propagation delay
SHLD to I/On
Waveform 1
7.5
6.0
9.5
8.0
12.5
11.0
6.5
6.0
14.5
11.5
ns
tPHL
Propagation delay, SHRST to I/On
Waveform 2
6.5
9.0
12.0
6.0
12.5
ns
tPHL
Propagation delay, SHRST to Qs
Waveform 2
6.0
7.5
10.5
5.0
11.0
ns
tPZH
tPZL
Output enable time to
High or Low
Waveform 5
Waveform 6
3.5
3.0
5.5
5.0
8.5
7.5
3.0
2.5
9.5
8.5
ns
tPHZ
tPLZ
Output disable time to
High or Low
Waveform 5
Waveform 6
1.5
4.0
3.5
6.0
6.5
9.0
1.5
4.0
7.5
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com