Electronic Components Datasheet Search
  English  ▼

X  

74F598 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74F598
Description  8-bit shift register with input storage registers 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F598 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74F598 Datasheet HTML 6Page - NXP Semiconductors 74F598 Datasheet HTML 7Page - NXP Semiconductors 74F598 Datasheet HTML 8Page - NXP Semiconductors 74F598 Datasheet HTML 9Page - NXP Semiconductors 74F598 Datasheet HTML 10Page - NXP Semiconductors 74F598 Datasheet HTML 11Page - NXP Semiconductors 74F598 Datasheet HTML 12Page - NXP Semiconductors 74F598 Datasheet HTML 13Page - NXP Semiconductors 74F598 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74F598
8-bit shift register with input storage registers (3-State)
1991 Oct 21
10
AC WAVEFORMS
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
I/On,
Qs
STCP,
SHCP,
SHLD,
SHRST
SF00380
Waveform 1. Propagation delay for clock input to output, clock
pulse widths, and maximum clock frequency, shift register
reset and load inputs to serial data output
SHRST
VM
VM
VM
SHCP
trec
VM
I/On,
Qs
tPHL
SF00381
Waveform 2. Propagation delay for shift register reset to serial
data output, shift register reset to shift register, shift register
input recovery time
VM
VM
VM
VM
VM
VM
ts(L)
th(L)
ts(H)
th(H)
Dsn, I/On,
SHCP,
SHLD,
SHCPEN
SHCP,
STCP
SHLD
SF00382
Waveform 3. Setup time and hold times
VM
VM
STCP
SHLD
ts(H)
VM
th(L)
SF00383
Waveform 4. Setup time and hold time
VM
VM
VM
tPHZ
tPZH
OE
I/On
VOH -0.3V
0V
10%
90%
SF00384
Waveform 5. 3-State output enable time to High level, output
disable time from High level and transition time to High level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
3.5V
10%
90%
OE
I/On
SF00385
Waveform 6. 3-State output enable time to Low level, output
disable time from Low level and transition time to Low level
Notes to AC waveforms
1. For all waveforms, VM = 1.5V.
2. The shaded areas indicate when the input is permitted to change for predictable output performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com