Electronic Components Datasheet Search
  English  ▼

X  

EM4150 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4150
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4150 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R
EM4150
EM4350
EM MICROELECTRONIC - MARIN SA
Copyright
© 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
1 KBit READ / WRITE
CONTACTLESS IDENTIFICATION DEVICE
Description
The EM4150/EM4350 (previously named P4150/P4350)
is a CMOS integrated circuit intended for use in electronic
Read/Write RF Transponders. The chip contains 1 KBit of
EEPROM which can be configured by the user, allowing a
write inhibited area, a read protected area, and a read
area output continuously at power on. The memory can
be secured by using the 32 bit password for all write and
read protected operations. The password can be updated,
but never read. The fixed code serial number and device
identification are laser programmed making every chip
unique.
The EM4150 will transmit data to the transceiver by
modulating the amplitude of the electromagnetic field, and
receive data and commands in a similar way. Simple
commands will enable write to EEPROM, to update the
password, to read a specific memory area, and to reset
the logic.
The coil of the tuned circuit is the only external component
required, all remaining functions are integrated in the chip.
The only difference between EM4150 and EM4350 is that
EM4150 comes with standard sized pads, whereas
EM4350 comes with oversized (mega) pads, ideal for use
with bumps on die (Fig. 27).
Features
□
1 KBit of EEPROM organized in 32 words of 32 bits
□
32 bit Device Serial Number (Read Only Laser ROM)
□
32 bit Device Identification (Read Only Laser ROM)
□
Power-On Reset sequence
□
Power Check for EEPROM write operation
□
User defined Read Memory Area at Power On
□
User defined Write Inhibited Memory Area
□
User defined Read Protected Memory Area
□
Data Transmission performed by Amplitude
Modulation
□
Two Data Rate Options 2 KBd (Opt64) or 4 KBd
(Opt32)
□
Bit Period = 64 or 32 periods of field frequency
□
170 pF ± 2% on chip Resonant Capacitor
□
-40 to +85°C Temperature range
□
100 to 150 kHz Field Frequency range
□
On chip Rectifier and Voltage Limiter
□
No external supply buffer capacitance needed due to
low power consumption
Applications
□
Ticketing
□
Automotive Immobilizer with rolling code
□
High Security Hands Free Access Control
□
Industrial automation with portable database
□
Manufacturing automation
□
Prepayment Devices
Typical Operating Configuration
EM4150
Coil 2
Coil 1
L
Typical value of inductance at 125 KHz is 9.5 mH
Fig. 1
Pin Assignment
COIL 1
Coil terminal / Clock input
COIL 2
Coil terminal
EM4150
COIL2
COIL1
COIL2
COIL1
Fig. 2


Similar Part No. - EM4150

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
More results

Similar Description - EM4150

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com