Electronic Components Datasheet Search
  English  ▼

X  

EM4150 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4150
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4150 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
R
EM4150
EM4350
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum AC peak current
induced on COIL1 and COIL2
ICOIL
± 30 mA
Power Supply
VDD
-0.3 to 6.0V
Maximum voltage other pads
Vmax
VDD + 0.3V
Minimum voltage other pads
Vmin
VSS – 0.3V
Storage temperature
Tstore
-55 to °125°C
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
VESD
1000V
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages
or
electric
fields;
however,
anti-static
precautions should be taken as for any other CMOS
component.
Unless otherwise specified, proper operation can only
occur when all terminal voltages are kept within the
supply voltage range.
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Operating
temperature
Top
-40
+85
°C
Maximum coil
current
ICOIL
10
mA
AC Voltage on
coil
Vcoil
1)
Vpp
Supply frequency
fcoil
100
150
kHz
Note 1): Maximum voltage is defined by forcing 10mA on Coil1-
Coil2
Antenna
Driver
Oscillator
Demodulator
Filter
and
Gain
Data decoder
Data received
from transponder
Tranceiver
Transponder
Coil1
Coil2
EM4150
Signal on
Transponder coil
Signal on
Transceiver coil
Data
RF Carrier
READ MODE
Signal on
Transponder coil
Signal on
Transceiver coil
Data
RF Carrier
RECEIVE MODE
Modulator
Data to be sent
to transponder
Fig. 3
Copyright
© 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com