Electronic Components Datasheet Search
  English  ▼

X  

EM4150 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM4150
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM4150 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
R
EM4150
EM4350
Pad Description
9
1
8
7
6
5
4
3
2
Pad
Name
Function
1
2
3
4
5
6
7
8
9
COIL1
VPOS
TEST_IN
VDD
TEST_OUT
TEST
TEST_CLK
VSS
COIL2
Coil Terminal 1
Internal supply
Test input with pull-down
Positive Internal Supply Voltage
Test Output
Test Mode Input with pull-down
Test Clock input with pull-down
Negative Internal Supply Voltage
Coil terminal 2
Packages
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
J
K
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A8.2
8.5
8.8
B3.8
4.0
4.2
D5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R0.4
0.5
0.6
Fig. 24
Fig. 25
Chip Dimensions
Fig. 26
Fig. 27
Copyright
© 2004, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com