Electronic Components Datasheet Search
  English  ▼

X  

EM4150 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM4150
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM4150 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4150 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R
EM4150
EM4350
Communication from the Transceiver to the Transponder (RECEIVE MODE)
(cont.)
While the transceiver is sending data to the transponder, two different modulations will be observed on both coils. During
the first half of the bit period, the EM4150 is switching "ON" its modulation device causing a modulation of the RF field. This
modulation can also be observed on the transceiver's coil. The transceiver sending a bit "0" will switch "OFF" the field,
causing a 100% modulation being observed on the transponder coil.
Transceiver
Coil
Transponder
Coil
"1"
"1"
"1"
"0"
"0"
"0"
16
16
Periods of RF field (Opt 32):
Bit
Period
DATA
:
Modulation induced by the Transceiver
Modulation induced by the Transponder
16
*
* Recommended
Minimum
: 7/4 periods (Opt64/Opt32)
16
Periods of RF field (Opt 64):
32
32
32
32
: 1 period
Fig. 23
Copyright
© 2004, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com