Electronic Components Datasheet Search
  English  ▼

X  

74F640 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F640
Description  Octal bus transceiver, inverting 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F640 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F640 Datasheet HTML 1Page - NXP Semiconductors 74F640 Datasheet HTML 2Page - NXP Semiconductors 74F640 Datasheet HTML 3Page - NXP Semiconductors 74F640 Datasheet HTML 4Page - NXP Semiconductors 74F640 Datasheet HTML 5Page - NXP Semiconductors 74F640 Datasheet HTML 6Page - NXP Semiconductors 74F640 Datasheet HTML 7Page - NXP Semiconductors 74F640 Datasheet HTML 8Page - NXP Semiconductors 74F640 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74F640
Octal bus transceiver, inverting (3-State)
1989 Nov 27
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
A0–A7
IO = 3mA
±10%VCC
2.4
V
VO
High level output voltage
B0–B7
VCC = MIN,
VIL = MAX
IOH = –3mA
±5%VCC
2.7
3.3
V
VOH
High-level output voltage
B0 B7
VIL = MAX,
VIH = MIN
IO = 15mA
±10%VCC
2.0
V
B0–B7
IOH = –15mA
±5%VCC
2.0
V
A0 A7
IO = 24mA
±10%VCC
0.35
0.50
V
VO
Low level output voltage
A0–A7
VCC = MIN,
VIL = MAX
IOL = 24mA
±5%VCC
0.35
0.50
V
VOL
Low-level output voltage
B0 B7
VIL = MAX,
VIH = MIN,
IO = MAX
±10%VCC
0.55
V
B0–B7
IOL = MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum
OE,
T/R
VCC = 0.0V, VI = 7.0V
100
µA
II
input voltage
A0–A7,
B0–B7
VCC = 5.5V, VI = 5.5V
1.0
mA
IIH
High-level input current
OE,
T/R
VCC = MAX, VI = 2.7V
40
µA
IIL
Low-level input current
T/R
only
VCC = MAX, VI = 0.5V
–40
µA
IOZH+IIH
Off-state output current,
High level of voltage applied
VCC = MAX, VI = 2.7V
70
µA
IOZL+IIL
Off-state output current,
Low level of voltage applied
VCC = MAX, VI = 0.5V
–70
µA
IOS
Short-circuit output cur-
NO TAG
A0–A7
VCC = MAX
–60
–150
mA
IOS
rentNO TAG
B0–B7
VCC = MAX
–100
–225
µA
ICCH
T/R = An = 4.5V,
OE = GND
66
85
mA
ICC
Supply current (total)
ICCL
VCC = MAX
T/R = Bn = OE = GND
91
120
mA
ICCZ
T/R = Bn = GND,
OE = 4.5V
78
102
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com