Electronic Components Datasheet Search
  English  ▼

X  

74F640 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F640
Description  Octal bus transceiver, inverting 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F640 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F640 Datasheet HTML 3Page - NXP Semiconductors 74F640 Datasheet HTML 4Page - NXP Semiconductors 74F640 Datasheet HTML 5Page - NXP Semiconductors 74F640 Datasheet HTML 6Page - NXP Semiconductors 74F640 Datasheet HTML 7Page - NXP Semiconductors 74F640 Datasheet HTML 8Page - NXP Semiconductors 74F640 Datasheet HTML 9Page - NXP Semiconductors 74F640 Datasheet HTML 10Page - NXP Semiconductors 74F640 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74F640
Octal bus transceiver, inverting (3-State)
1989 Nov 27
7
AC WAVEFORMS
For all waveforms, VM = 1.5V.
An, Bn
Bn, An
tPHL
VM
VM
VM
VM
tPLH
SF00773
Waveform 1. Propagation Delay for Inverting Outputs
VOL+0.3V
VM
VM
VM
An, Bn
tPZL
tPLZ
SF00204
OE
Waveform 2. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
VOH–0.3V
VM
VM
VM
An, Bn
tPZH
tPHZ
SF00203
OE
0V
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00128
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com