Electronic Components Datasheet Search
  English  ▼

X  

74F640 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F640
Description  Octal bus transceiver, inverting 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F640 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F640 Datasheet HTML 1Page - NXP Semiconductors 74F640 Datasheet HTML 2Page - NXP Semiconductors 74F640 Datasheet HTML 3Page - NXP Semiconductors 74F640 Datasheet HTML 4Page - NXP Semiconductors 74F640 Datasheet HTML 5Page - NXP Semiconductors 74F640 Datasheet HTML 6Page - NXP Semiconductors 74F640 Datasheet HTML 7Page - NXP Semiconductors 74F640 Datasheet HTML 8Page - NXP Semiconductors 74F640 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74F640
Octal bus transceiver, inverting (3-State)
2
1989 Nov 27
853–0381 98171
FEATURES
High-impedance NPN base inputs for reduced loading
(70
µA in High and Low states)
Ideal for applications which require high-output drive and minimal
bus loading
Inverting version of 74F245
Octal bidirectional bus interface
3-State outputs sink 64mA and source 15mA
DESCRIPTION
The 74F640 is an octal transceiver featuring inverting 3-State bus
compatible outputs in both transmit and receive directions. The B
port outputs are capable of sinking 64mA and sourcing 15mA,
providing very good capacitive drive characteristics. The device
features an Output Enable (OE) input for easy cascading and
Transmit/Receiver (T/R) input for direction control. The 3-State
outputs, B0–B7, have been designed to prevent output bus loading if
the power is removed from the device.
PIN CONFIGURATION
SF00198
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B6
B5
B7
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F640
3.5ns
78mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F640N
SOT146-1
20-pin plastic SOL
N74F640D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 - A7, B0 - B7
Data inputs
3.5/0.115
70
µA/70µA
OE
Output Enable input (active Low)
2.0/0.067
40
µA/40µA
T/R
Transmit/Receive input
2.0/0.067
40
µA/40µA
A0 - A7
A port outputs
150/40
3.0mA/24mA
B0 - B7
B port outputs
750/106.7
15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com