Electronic Components Datasheet Search
  English  ▼

X  

74F640 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F640
Description  Octal bus transceiver, inverting 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F640 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F640 Datasheet HTML 2Page - NXP Semiconductors 74F640 Datasheet HTML 3Page - NXP Semiconductors 74F640 Datasheet HTML 4Page - NXP Semiconductors 74F640 Datasheet HTML 5Page - NXP Semiconductors 74F640 Datasheet HTML 6Page - NXP Semiconductors 74F640 Datasheet HTML 7Page - NXP Semiconductors 74F640 Datasheet HTML 8Page - NXP Semiconductors 74F640 Datasheet HTML 9Page - NXP Semiconductors 74F640 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74F640
Octal bus transceiver, inverting (3-State)
1989 Nov 27
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform
NO TAG
2.0
1.0
4.5
2.5
7.0
5.0
2.0
1.0
8.0
5.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 3
Waveform 2
5.5
5.5
6.5
7.0
10.5
10.5
5.0
5.0
12.0
11.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 3
Waveform 2
2.0
2.0
3.5
4.5
6.5
7.0
1.5
2.0
8.0
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com