Electronic Components Datasheet Search
  English  ▼

X  

EM4450 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4450
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4450 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Timing Characteristics
VDD =2.5V, VSS=0V , fcoil = 125 kHz Sine wave, Vcoil = 1Vpp ,
Top = 25°C
unless otherwise specified
All timings are derived from the field frequency and are specified as a number of RF periods..
Parameter
Symbol
Conditions
Value
Unit
Option : 64 clocks per bit
Opt64
Read Bit Period
trdb
64
RF periods
LIW/ACK/NACK pattern duration
tpatt
320
RF periods
Read 1 Word Duration
trdw
including LIW
3200
RF periods
Processing Pause Time
tpp
64
RF periods
Write Access Time
twa
64
RF periods
Initialization Time
tinit
2112
RF periods
EEPROM write time
twee
VDD = 3V
3200
RF periods
Option : 32 clocks per bit
Opt32
Read Bit Period
trdb
32
RF periods
LIW/ACK/NACK pattern duration
tpatt
160
RF periods
Read 1 Word Duration
trdw
including LIW
1600
RF periods
Processing Pause Time
tpp
32
RF periods
Write Access Time
twa
32
RF periods
Initialization Time
tinit
1056
RF periods
EEPROM write time
twee
VDD = 3V
2624
RF periods
RF periods represent periods of the carrier frequency emitted by the transceiver unit. For example, if 125 kHz is used :
The Read bit period (Opt64) would be : 1/125'000*64 = 512 µs, and the time to read 1 word : 1/125'000*3200 = 25.6 ms.
The Read bit period (Opt32) would be : 1/125'000*32 = 256 µs, and the time to read 1 word : 1/125'000*1600 = 12.8 ms.
ATTENTION
Due to amplitude modulation of the coil-signal, the clock-extractor may miss clocks or add spurious clocks close
to the edges of the RF-envelope. This desynchronisation will not be larger than ±3 clocks per bit and must be
taken into account when developing reader software.
Functional Description
General
The EM4450/4550 is supplied by means of an electromagnetic field induced on the attached coil. The AC voltage is rectified
in order to provide a DC internal supply voltage. When the DC voltage crosses the Power-On level, the chip enters the
Standard Read Mode and sends data continuously. The data to be sent in this mode is user defined by storing the first and
last addresses to be output. When the last address is sent, the chip will continue with the first address until the transceiver
sends a request. In the read mode, a Listen Window (LIW) is generated before each word. During this time, the
EM4450/4550 will turn to the Receive Mode (RM) if it receives a valid RM pattern. The chip then expects a valid command.
Mode of Operation
Fig. 4
Get Command
Standard
Read Mode
Send w ord
Pow er-On
Write Word
Write Password
Selective Read
Login
YES
NO
Receive
Mode
request ?
Reset
Execute Command
Init



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com