Electronic Components Datasheet Search
  English  ▼

X  

EM4450 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EM4450
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EM4450 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 16Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
Standard Versions & Samples:
For samples please order exclusively:
Part Number
Bit coding
Cycle/
bit
Pads
Package
Delivery
Form
EM4450 A6 CI2LC
Manchester
64
Standard CID package, 2 pins (length 2.5mm) bulk
EM4450 A6 CB2RC
Manchester
64
Standard PCB Package, 2 pins
bulk
The versions below are considered standards and should be readily available. For other versions or other delivery form,
please contact EM Microelectronic-Marin S.A. Please make sure to give complete part number when ordering, without
spaces between characters.
Part Number
Bit coding
Cycle/
bit
Pads
Package/Die Form
Delivery Form
/ Bumping
EM4450 A5 CB2RC
Manchester
32
Standard PCB Package, 2 pins
bulk
EM4450 A5 CI2LC
Manchester
32
Standard CID package, 2 pins (length 2.5mm)
bulk
EM4450 A6 CB2RC
Manchester
64
Standard PCB Package, 2 pins
bulk
EM4450 A6 CI2LB
Manchester
64
Standard CID package, 2 pins (length 2.5mm)
tape
EM4450 A6 CI2LC
Manchester
64
Standard CID package, 2 pins (length 2.5mm)
bulk
EM4450 XX YYY-%%%
Manchester 32/64
Standard custom
custom
EM4550 A6 WS11E
Manchester
64
Mega
Sawn wafer, 11 mils
with gold bumps
EM4550 A6 WT11E
Manchester
64
Mega
Die on sticky tape, 11 mils
with gold bumps
EM4550 XX YYY-%%%
Manchester 32/64
Mega
custom
with gold bumps
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to cid@emmicroelectronic.com
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in an EM
Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications without notice
at any time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date version.
©
EM Microelectronic-Marin SA, 01/03,Rev.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com