Electronic Components Datasheet Search
  English  ▼

X  

EM4450 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4450
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4450 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Selective Read Mode
The Selective Read Mode is used to read other data than that defined between FWR and LWR. To enter Selective Read
Mode, the Transceiver has to send during LIW a Receive mode pattern (RM) to turn the EM4450/4550 in Receive Mode.
Then the Selective Read Mode Command is sent by the transceiver followed by the First and Last addresses to be read.
The FWR and LWR are then replaced by the new addresses and the chip is operating in the same way as the Standard
Read Mode. The control word is not modified by this command, and the next standard read mode operation will work with
original FWR and LWR (Selected area is read once and then the chip returns to Standard Read Mode).
To read words which are Read Protected, a Login command has to be sent by the transceiver prior to the Selective Read
command. The Login command is to be used only once for all subsequent commands requiring a password.
The Selective Read mode command is followed by a single 32-bit word containing the new first and last addresses. Bits 0
to 7 correspond to the First Word Read and bits 8 to 15 correspond to the Last Word Read. Bits 16 to 31 have to be sent
but are not used in the chip. The parities must be sent according to the word organisation as described in fig.7. Note that
bit 31 is transmitted first.
To read the device Identification or the Serial Number, the Selective Read Command allows direct access to the Laser
programmed words. These words can also be addressed in the standard read mode by selecting the addresses
accordingly.
Fig. 10
XX
XX
XX
XX
XX
XX
XX
XX
P3 XX
XX
XX
XX
XX
XX
XX
XX
P2
LW7 LW6 LW5 LW4 LW3 LW2 LW1 LW0 P1 FW7 FW6 FW5 FW4 FW3 FW2 FW1 FW0 P0 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 "0"
Addresses Bit Stream Format
First bit receiv ed
Fig. 11
Reset Command
The Reset Command will return from any mode to the Standard Read Mode. The next word out is the FWR.
Fig. 12
Login
The Login command is used to access protected memory areas. This command has to be used only once to perform
several password protected commands. The Power-On-Reset sequence and the Reset command will reset the password
entry, and a new Login command has to be received to perform further password protected operations.
Upon reception of a correct password, the EM4450/4550 will respond with an acknowledge pattern (ACK) and then
continue in Standard Read Mode. If the Login is correct then password protected operations are allowed. If the password is
incorrect, a NAK pattern is issued and password protected operations will not be possible (refer to Write Word for password
data structure).
Fig. 13
WORD n
LIW
RM Selective RD ADDRESSES
ACK/NAK LIW
LIW
FWR
LIW
t
pp
output
input
WORD n
LIW
RM
LOGIN
PASSWORD
ACK/NAK LIW
LIW
FWR
LIW
t
pp
output
input
WORD n
LIW
RM RESET
LIW
LIW
FWR
LIW
t
pp
output
input
t
init
ACK/NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com