Electronic Components Datasheet Search
  English  ▼

X  

EM4450 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4450
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4450 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Read Sequence
POR
OUTPUT
LIW
D0-D7 P0 D8-D15 P1 D16-D23 P2 D24-D31 P3 PC0-PC7 "0"
T0 = Period of RF carrier
frequency
INIT
LIW
FWR
LIW FWR+1
LWR LIW
FWR
LIW
LIW
LIW
Coded Data
Data
1 bit = 64 T0 periods (Opt64)
32 T0 periods (Opt32)
T0 periods :
32 32
128
64
64
(Opt64)
16 16
64
32
32
(Opt32)
1 bit
1 bit
1 bit
1 bit
Fig. 7
Receive Mode
To activate the Receive Mode, the Transceiver sends to the chip the RM pattern (while in the modulated phase of a Listen
Window LIW). The EM4450/4550 will stop sending data upon reception of a valid RM. The chip then expects a command.
The RM pattern consists of 2 bits "0" sent by the transceiver. The first bit "0" transmitted is to be detected during the 64 (32
opt 32) periods where the modulation is "ON" in LIW.
Fig. 8
Commands
The commands are composed of nine bits : eight data bits and one even parity bit (total amount of "ones" is even including
the parity bit).
Fig. 9
WORD n
LIW
RM COMMAND
output
input
COM M AND BITS
FUNCTION
0 0 0 0 0 0 0 1 1
LOGIN
0 0 0 1 0 0 0 1 0
WRITE PASSWORD
0 0 0 1 0 0 1 0 0
WRITE WORD
0 0 0 0 1 0 1 0 0
SELECTIVE READ MODE
1 0 0 0 0 0 0 0 1
RESET
First bit Received
Parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com