Electronic Components Datasheet Search
  English  ▼

X  

74F670 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F670
Description  4 x 4 register file 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F670 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F670 Datasheet HTML 2Page - NXP Semiconductors 74F670 Datasheet HTML 3Page - NXP Semiconductors 74F670 Datasheet HTML 4Page - NXP Semiconductors 74F670 Datasheet HTML 5Page - NXP Semiconductors 74F670 Datasheet HTML 6Page - NXP Semiconductors 74F670 Datasheet HTML 7Page - NXP Semiconductors 74F670 Datasheet HTML 8Page - NXP Semiconductors 74F670 Datasheet HTML 9Page - NXP Semiconductors 74F670 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F670
4 x 4 register file (3-State)
1990 Jul 12
6
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
Tamb= +25°C
V
=+5 0V
Tamb = 0°C to +70°C
V
=+5 0V
± 10%
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
CL = 50pF,
VCC = +5.0V ± 10%
CL = 50pF,
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
RA, RB to Qn
Waveform 3, 4
3.5
4.0
5.5
5.5
9.0
8.5
3.0
3.5
10.0
9.9
ns
ns
tPLH
tPHL
Propagation delay
WE to Qn
Waveform 1, 2
5.0
6.5
7.0
8.5
10.0
11.5
4.5
6.0
11.0
12.5
ns
ns
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 1, 2
3.5
6.0
6.0
8.0
8.5
11.0
3.0
5.5
9.5
12.5
ns
ns
tPZH
tPZL
RE Enable time
Qn to High or Low level
Waveform 5
Waveform 6
3.0
4.5
7.0
6.5
12.0
9.0
2.5
4.0
13.0
10.0
ns
ns
tPHZ
tPLZ
RE Disable time
Qn to High or Low level
Waveform 5
Waveform 6
2.0
3.0
3.0
5.0
6.5
8.5
1.5
3.0
7.5
8.5
ns
ns
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to positive going WE
Waveform 3, 4
1.5
6.0
1.5
7.0
ns
ns
th(H)
th(L)
Hold time, High or Low
Dn to positive going WE
Waveform 3, 4
0
1.0
0
1.0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
WA, WB to negative going WE1
Waveform 3, 4
0
0
0
0
ns
ns
th(H)
th(L)
Hold time, High or Low
WA, WB to negative going WE1
Waveform 3, 4
0
0
0
0
ns
ns
tw(L)
WE Pulse width, Low
Waveform 3, 4
6.5
8.5
ns
NOTES:
1. Write Address (WA, WB) setup time will protect the data written into the previous address. If protection of data in the previous address is not
required, setup time for Write Address to WE can be ignored. Any address selection sustained for the final 7ns of the WE pulse during hold
time for Write Address to WE will result in data being written into that location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com