Electronic Components Datasheet Search
  English  ▼

X  

74F670 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F670
Description  4 x 4 register file 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F670 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F670 Datasheet HTML 1Page - NXP Semiconductors 74F670 Datasheet HTML 2Page - NXP Semiconductors 74F670 Datasheet HTML 3Page - NXP Semiconductors 74F670 Datasheet HTML 4Page - NXP Semiconductors 74F670 Datasheet HTML 5Page - NXP Semiconductors 74F670 Datasheet HTML 6Page - NXP Semiconductors 74F670 Datasheet HTML 7Page - NXP Semiconductors 74F670 Datasheet HTML 8Page - NXP Semiconductors 74F670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F670
4 x 4 register file (3-State)
2
1990 Jul 12
853-0014 99965
FEATURES
Simultaneous and Independent Read and Write operations
Expandable to almost any word size and bit length
3-State outputs
DESCRIPTION
The 74F670 is a 16-bit 3-State Register File organized as 4 words of
4 bits each. Separate Read and Write Address and Enable inputs
are available, permitting simultaneous writing into one word location
and reading from another location. The 4-bit word to be stored is
presented to four data inputs.
The Write address inputs (WA and WB) determine the location of the
stored word. The Write Address inputs should only be changed
when the Write Enable input (WE) is High for conventional
operation. When the WE is Low, the data is entered into the
addressed location.
The addressed location remains transparent to the data while the
WE is Low. Data supplied at the inputs will be read out in true
(non-inverting) form from the 3-State outputs. Data and address
inputs are inhibited when the WE is High. Direct acquisition of data
stored in any of the four registers is made possible by individual
Read Address inputs (RA, RB). The addressed word appears at the
four outputs when the Read Enable (RE) is Low. Data outputs are in
the high impedance “off” state when the RE is High. This permits
outputs to be tied together to increase the word capacity to very
large numbers.
Up to 128 devices can be stacked to increase the word size to 512
locations by tying the 3-State outputs together. Since the limiting
factor for expansion is the output High current, further stacking is
possible by tying pullup reisistors to the outputs to increase the IOH
current available. Design of the Read Enable signals for the stacked
devices must ensure that there is no overlap in the Low levels which
cause more than one output to be active at the same time. Parallel
expansion to generate n-bit words is accomplished by driving the
Enable and address inputs of each device in parallel.
PIN CONFIGURATION
7
14
13
12
11
10
9
6
5
4
3
2
1
VCC
D0
WE
RE
Q1
RA
D2
Q3
D1
GND
D3
RB
SF01178
Q0
WB
Q2
WA
8
16
15
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F670
6.5ns
50mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F670N
SOT38-4
16-pin plastic SOL
N74F670D
SOT162-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D3
Data inputs
1.0/1.0
20
µA/0.6mA
WA, WB
Write address inputs
1.0/1.0
20
µA/0.6mA
RA, RB
Read address inputs
1.0/1.0
20
µA/0.6mA
WE
Write Enable inputs
1.0/1.0
20mA/0.6mA
RE
Read Enable inputs
1.0/1.0
20mA/0.6mA
Q0–Q3
Data output
150/40
3.0mA/24mA
NOTE:
One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com