Electronic Components Datasheet Search
  English  ▼

X  

74F670 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F670
Description  4 x 4 register file 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F670 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F670 Datasheet HTML 3Page - NXP Semiconductors 74F670 Datasheet HTML 4Page - NXP Semiconductors 74F670 Datasheet HTML 5Page - NXP Semiconductors 74F670 Datasheet HTML 6Page - NXP Semiconductors 74F670 Datasheet HTML 7Page - NXP Semiconductors 74F670 Datasheet HTML 8Page - NXP Semiconductors 74F670 Datasheet HTML 9Page - NXP Semiconductors 74F670 Datasheet HTML 10Page - NXP Semiconductors 74F670 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F670
4 x 4 register file (3-State)
1990 Jul 12
7
AC WAVEFORMS
For all waveforms, VM=1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
Dn
WE
tPLH
SF01182
tPHL
VM
VM
Qn
Waveform 1. Propagation Delay, Write Enable
and Data to Outptus
VM
VM
Dn
WE
tPLH
SF01183
tPHL
VM
VM
Qn
Waveform 2. Propagation Delay, Write Enable
and Data to Outputs
SF01184
VM
ts
WE
WA, WB
VM
VM
Dn
ts
th
VM
VM
th
VM
tw(L)
Waveform 3. Setup and Hold Times for Write Address to Write
Enable and Data to Write Enable
SF01185
VM
Qn
RA, RB
VM
VM
Qn
VM
VM
tPLH
tPHL
VM
VM
tPLH
tPHL
Waveform 4. Propagation Delays for Read Address to Output
VM
VM
VM
tPHZ
tPZH
RE
Qn
VOH -0.3V
0V
SF01186
Waveform 5. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
RE
Qn
VOL +0.3V
SF01187
Waveform 6.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com