Electronic Components Datasheet Search
  English  ▼

X  

74F670 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F670
Description  4 x 4 register file 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F670 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F670 Datasheet HTML 1Page - NXP Semiconductors 74F670 Datasheet HTML 2Page - NXP Semiconductors 74F670 Datasheet HTML 3Page - NXP Semiconductors 74F670 Datasheet HTML 4Page - NXP Semiconductors 74F670 Datasheet HTML 5Page - NXP Semiconductors 74F670 Datasheet HTML 6Page - NXP Semiconductors 74F670 Datasheet HTML 7Page - NXP Semiconductors 74F670 Datasheet HTML 8Page - NXP Semiconductors 74F670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F670
4 x 4 register file (3-State)
1990 Jul 12
3
LOGIC SYMBOL
14 13
5
4
15
1
2
3
10
9
Q1
Q0
WA WB RA RB D0 D1 D2 D3
SF01179
76
Q3
Q2
12
WE
VCC=Pin 16
GND=Pin 8
RE
11
LOGIC SYMBOL (IEEE/IEC)
SF01180
RAM 4X4
14
13
12
11
15
1
10
9
7
6
0
1
1A
0
3
5
4
0
1
2A
0
3
C4 [WRITE]
EN [READ]
2
3
1A, 4D
2A
WORD SELECT FUNCTION TABLE
WRITE MODE
READ MODE
OPERATING MODE
WB
WA
RB
RA
Word Selected
L
L
L
L
Word 0
L
H
L
H
Word 1
H
L
H
L
Word 2
H
H
H
H
Word 3
H = High voltage level
L = Low voltage level
READ MODE FUNCTION TABLE
INPUT
INTERNAL
OUTPUT
OPERATING MODE
RE
LATCHES*
Qn
OPERATING MODE
L
L
L
Read
L
H
H
Read
H
X
Z
Disabled
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High impedance “off” state
*
= The selection of “internal latches” by Read Address
(RA and RB) are not constrained by WE or RE operation.
WRITE MODE FUNCTION TABLE
INPUTS
INTERNAL
OPERATING MODE
WE
Dn
LATCHES*
OPERATING MODE
L
L
L
Write data
L
H
H
Write data
H
X
NC
Data latched
H = High voltage level
L = Low voltage level
NC= No change
X = Don’t care
*
= The write address (WA and WB) to the “internal latches”
must be stabled while WE is Low for conventional operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com