Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F0552 Datasheet HTML 1Page - Renesas Technology Corp F0552 Datasheet HTML 2Page - Renesas Technology Corp F0552 Datasheet HTML 3Page - Renesas Technology Corp F0552 Datasheet HTML 4Page - Renesas Technology Corp F0552 Datasheet HTML 5Page - Renesas Technology Corp F0552 Datasheet HTML 6Page - Renesas Technology Corp F0552 Datasheet HTML 7Page - Renesas Technology Corp F0552 Datasheet HTML 8Page - Renesas Technology Corp F0552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
3
February 9, 2022
F0552 Pin Description Table.........................................................................................................................................43
F0552 Digital Pin Voltage and Resistance Values ........................................................................................................45
Applications Information................................................................................................................................................46
EVKIT and Typical Application Schematic ....................................................................................................................47
EVkit Picture .................................................................................................................................................................49
F0552 BOM 1 and 2......................................................................................................................................................50
IF Bias and Output Matching Circuit and BOM for various IFs......................................................................................51
IF Network BOM for different frequencies.....................................................................................................................51
Top Markings ................................................................................................................................................................52
Ordering Information .....................................................................................................................................................52
Revision History ............................................................................................................................................................52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com