Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F0552 Datasheet HTML 1Page - Renesas Technology Corp F0552 Datasheet HTML 2Page - Renesas Technology Corp F0552 Datasheet HTML 3Page - Renesas Technology Corp F0552 Datasheet HTML 4Page - Renesas Technology Corp F0552 Datasheet HTML 5Page - Renesas Technology Corp F0552 Datasheet HTML 6Page - Renesas Technology Corp F0552 Datasheet HTML 7Page - Renesas Technology Corp F0552 Datasheet HTML 8Page - Renesas Technology Corp F0552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
2
February 9, 2022
CONTENTS
Absolute Maximum Ratings ............................................................................................................................................4
Truth Table – Channel A and B.......................................................................................................................................5
F0552 Recommended Operating Conditions ..................................................................................................................6
F0552 Specification ........................................................................................................................................................7
Typical Operating Conditions (STD mode, 184MHz IF) ................................................................................................10
TOCs [Max Gain, STD Mode, IF = 184M] Gain (-1-) ................................................................................................11
TOCs [Max Gain, STD Mode, IF = 184M] OIP3 (-2-)................................................................................................12
TOCs [Max Gain, STD Mode, IF = 184M] OIP2 (-3-)................................................................................................13
TOCs [Max Gain, STD Mode, IF = 184M] 2X2 (-4-)..................................................................................................14
TOCs [Max Gain, STD Mode, IF = 184M] Leakage (-5-) ..........................................................................................15
TOCs [Max Gain, STD Mode, IF = 184M] DC Current (-6-) ......................................................................................16
TOCs Swept Gain Setting [STD Mode, IF =184M, LS Injection] Gain, OIP3, IIP3 (-7-) ............................................17
TOCs Swept Gain Setting [STD Mode, IF =184M, LS Injection] OIP2, IIP2, 2X2 (-8-) .............................................18
TOCs Swept Gain Setting [STD Mode, IF =184M, LS Injection] 3X3, Leakage (-9-) ................................................19
TOCs Noise Figure [STD Mode, ChA only] (-10-).....................................................................................................20
TOCs Spurs [STD Mode, IF Match 184M, LO = 1.563 GHz, Gain = 0 dB, TA = 25C] (-11-) .....................................21
Gain Accuracy, Board Losses (-12-).........................................................................................................................22
TOCs P1dB [STD Mode] (-13-).................................................................................................................................23
Typical Operating Conditions (STD mode, 138MHz IF) ................................................................................................24
TOCs [STD Mode, IF = 138M, LS Injection] Gain, OIP3, OIP2 (-14-).......................................................................25
TOCs [STD Mode, IF = 138M, LS Injection] 2X2, 3X3, Leakage (-15-) ....................................................................26
TOCs [STD Mode, IF = 138M, LS Injection] OIP3, OIP3, 2X2 (-16-) ........................................................................27
TOCs [STD Mode, IF = 138M, LS Injection] 3X3, Leakage (-17-).............................................................................28
Typical Operating Conditions (STD mode, 276MHz IF) ................................................................................................29
TOCs [Max Gain, IF = 276M, STD Mode] Gain, OIP3, OIP2 (-18-) ..........................................................................30
TOCs [Max Gain, IF = 276M, STD Mode] 2X2, 3X3, Leakage (-19-)........................................................................31
TOCs Swept Gain Setting [STD Mode, IF =276M, LS Injection] Gain, OIP3, IIP3 (-20-) ..........................................32
TOCs Swept Gain Setting [STD Mode, IF =276M, LS Injection] OIP2, IIP2, 2X2 (-21-) ...........................................33
TOCs Swept Gain Setting [STD Mode, IF =276M, LS Injection] 3X3, Leakage (-22-) ..............................................34
Typical Operating Conditions (LC mode, 184MHz).......................................................................................................35
TOCs Swept Gain Setting [LC Mode, IF =184M, LS Injection] Gain, OIP3, IIP3 (-23-).............................................36
TOCs Swept Gain Setting [LC Mode, IF =184M, LS Injection] OIP2, IIP2, 2X2 (-24-)..............................................37
TOCs Swept Gain Setting [LC Mode, IF =184M, LS Injection] 3X3, Leakage (-25-).................................................38
TOCs Swept Gain Setting [LC Mode, IF =184M, LS Injection] Cha Iso (-26-) ..........................................................39
TOCs Return Loss [STD Mode] (-27-) ......................................................................................................................40
TOCs Histograms [N= 1090, TCASE = 25C] (-28-)......................................................................................................41
Package Outline Drawings............................................................................................................................................42
F0552 Pinout.................................................................................................................................................................42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com