Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0552 Datasheet HTML 1Page - Renesas Technology Corp F0552 Datasheet HTML 2Page - Renesas Technology Corp F0552 Datasheet HTML 3Page - Renesas Technology Corp F0552 Datasheet HTML 4Page - Renesas Technology Corp F0552 Datasheet HTML 5Page - Renesas Technology Corp F0552 Datasheet HTML 6Page - Renesas Technology Corp F0552 Datasheet HTML 7Page - Renesas Technology Corp F0552 Datasheet HTML 8Page - Renesas Technology Corp F0552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
1
February 9, 2022
DESCRIPTION
This document describes the specifications for the F0552
1710MHz to 2050MHz dual path Sampling Intermediate
Frequency (SIF) Receiver ideal for Multi-mode, Multi-
carrier BaseStation Receivers. Refer to the Part # Matrix
below describing the frequency coverage of the complete
series. This series of devices covers all UTRA bands up
to 2.7GHz and offers significantly better Noise and
Distortion performance than currently available solutions.
IF frequencies up to 450 MHz are supported.
The F0552 SIF provides 29dB gain and offers 47dB
gain adjustment in 1dB steps designed to operate with
a single 5V supply. Nominally, the device offers +45
dBm Output IP3 using 450mA of ICC. Alternately one
can configure the device in low current (LC) mode to
reduce power consumption to < 1.9 Watts.
This device is packaged in a 10 x 10 mm 68-pin Thin
QFN with 50 ohm single-ended RF input and 200 ohm
differential IF output impedances for ease of integration
into the receiver lineup. The EvKit is configured to
match the 200 ohm differential IF output to 100 ohms
differential for a broad range of IF center frequencies
per the application drawings.
COMPETITIVE ADVANTAGE
Renesas’ Zero-DistortionTM mixer in combination with
interstage filtering and Renesas’ proprietary FlatNoiseTM
DVGA improves system SNR to the point where the
external SAW filter can be eliminated. Both IP3O and NF
are kept virtually flat while gain is backed off, enhancing
SNR significantly under high level interferer conditions,
and greatly benefiting 2G/3G/4G Multi-Carrier IF
sampling receivers. In addition, total power consumption
is reduced by ~35% compared to conventional solutions.
 No external SAW is needed
 Reduced Power Consumption by 35%
 NF and OIP3 virtually flat for first 17 dB gain
reduction
The fast-settling, parallel mode gain step of 1.0dB
coupled with the excellent differential non-linearity allow
for SNR to be maximized further by targeting the
minimum necessary gain in small, accurate increments.
The matched output does not require a terminating
resistor, thus the gain and distortion performance are
preserved when driving Bandpass Anti-Alias filters
.
FEATURES
•
Dual Channel for Diversity / MIMO Systems
•
Combines FlatNoiseTM and Zero-DistortionTM
technology
•
29dB Total Power Gain
•
47dB gain control range
•
1 dB Gain Steps
•
Ultra linear +45dBm IP3O
•
Low NF: 9.6dB at GMAX
•
50
Ω input impedance
•
Matched to 100
Ω differential output impedance
•
Ultra high +19.8dBm P1dBo
•
Independent channel standby mode
•
Constant LO impedance in STBY mode
•
6-bit parallel control
•
60MHz to 450MHz IF frequency range
•
Excellent 2x2, 3x3, IM2, 2nd Harmonic
Rejection
•
ICC = 450mA STD Mode, 375mA LC Mode
•
10 x 10 mm 68-pin VFQFPN package
DEVICE BLOCK DIAGRAM
PART# MATRIX
Part#
RF freq
range
UTRA bands
IF freq
range
Typ.
Gain
Injection
F0502
698 - 915
5,6,8,12,13,14,17
18,19,20
60 – 300
29
Low &
High Side
F0552
1710 - 2050
1,2,3,4,9,10,23,
25,33,34,35,36,
37,39
60 – 450
29
Low &
High Side
F0562
2300 – 2700
7,38,40,41
60 – 450
29
Low &
High Side
RFIN_A
RF VCO
RFIN_B
Bias
Control
Decode
Logic
IFOUT_A+
IFOUT_A-
IFOUT_B+
IFOUT_B-
6
2
6
2
GAIN_A[0:5]
GAIN_B[0:5]
TDD (STBY)
LC_Mode
Iset


Similar Part No. - F0552

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0552 IDT-F0552 Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
F0552 IDT-F0552 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
More results

Similar Description - F0552

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AN-502 AD-AN-502 Datasheet
203Kb / 12P
Designing a Superheterodyne Receiver Using an IF Sampling Diversity Chipset
AN-851 AD-AN-851 Datasheet
269Kb / 8P
A WiMax Double Downconversion IF Sampling Receiver Design
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
Renesas Technology Corp
F0502 RENESAS-F0502 Datasheet
2Mb / 39P
Sampling IF Receiver 600MHz to 1000MHz
February 8,2022
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com