Electronic Components Datasheet Search
  English  ▼

X  

F0552 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F0552
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0552 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F0552 Datasheet HTML 28Page - Renesas Technology Corp F0552 Datasheet HTML 29Page - Renesas Technology Corp F0552 Datasheet HTML 30Page - Renesas Technology Corp F0552 Datasheet HTML 31Page - Renesas Technology Corp F0552 Datasheet HTML 32Page - Renesas Technology Corp F0552 Datasheet HTML 33Page - Renesas Technology Corp F0552 Datasheet HTML 34Page - Renesas Technology Corp F0552 Datasheet HTML 35Page - Renesas Technology Corp F0552 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Sampling IF Receiver 1710MHz to
2050MHz
F0552
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
32
February 9, 2022
TOCS SWEPT GAIN SETTING [STD MODE, IF =276M, LS INJECTION] GAIN, OIP3, IIP3 (-20-)
Gain [1.71 GHz]
Output IP3 [1.71 GHz]
Input IP3 [1.71 GHz]
Gain [1.88 GHz]
Output IP3 [1.88 GHz]
Input IP3 [1.88 GHz]
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
30
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
5
10
15
20
25
30
35
40
45
50
55
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
5
10
15
20
25
30
35
40
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
30
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
5
10
15
20
25
30
35
40
45
50
55
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
5
10
15
20
25
30
35
40
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com