Electronic Components Datasheet Search
  English  ▼

X  

RMH Datasheet(PDF) 3 Page - Japan Automatic Machine Co., Ltd.

Part # RMH
Description  2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

RMH Datasheet(HTML) 3 Page - Japan Automatic Machine Co., Ltd.

  RMH Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RMH
Wire to Wire
Connector
193
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
2
SMH25-02HG
5.9
2.5
ナイロン66
(Nylon66)
UL94 V-0
3
SMH25-03HG
8.4
5.0
4
SMH25-04HG
10.9
7.5
5
SMH25-05HG
13.4
10.0
6
SMH25-06HG
15.9
12.5
7
SMH25-07HG
18.4
15.0
8
SMH25-08HG
20.9
17.5
9
SMH25-09HG
23.4
20.0
10
SMH25-10HG
25.9
22.5
11
SMH25-11HG
28.4
25.0
12
SMH25-12HG
30.9
27.5
13
SMH25-13HG
33.4
30.0
(UNIT:mm)
2P
3P
4∼5P
6∼7P
8∼13P
PLUG ハウジング 
PLUG HOUSING
B
No.1
A
7. 0
B
No.1
2. 5
A
7. 0
A
2. 5
B
7. 0
No.1
2. 5
No.1
B
7. 0
A
2. 5
B
7. 0
A
No.1
1000
個数/袋
Quantity/Bag
1000
個数/袋
Quantity/Bag



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com