Electronic Components Datasheet Search
  English  ▼

X  

RMH Datasheet(PDF) 1 Page - Japan Automatic Machine Co., Ltd.

Part # RMH
Description  2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

RMH Datasheet(HTML) 1 Page - Japan Automatic Machine Co., Ltd.

  RMH Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RMH
Wire to Wire
Connector
191
●ハウジングは取り外し作業が容易なアウターロック方式を採用。
●ハウジング同士に方向性リブを設けたことにより、逆挿入を完全に防止。
●基板対電線用SMHコネクタとプラグハウジング及びコンタクトが共用で使用できます。
●パネル取付用ハウジングも用意しております。
●An outer lock housing is adopted for easy disengagement.
●Housings provided with ribs completely avoid troubles due to wrong
insertion.
●The plug housing and contacts are the same as for board to wire SMH
connector.
●Panel mount housings are also available.
極数
Poles
2∼13P
極間ピッチ
Pitch between poles
2.5mm
定格電圧
Rated Voltage
AC.DC250V
定格電流
Rated Current
3A
耐電圧
Withstand Voltage
AC1000V/1分間
/min
絶縁抵抗
Insulation Resistance
1000MΩ以上
over
使用温度範囲
Temperature Range
−40∼+85℃
適用パネル厚
Applicable Panel Thickness
0.8∼1.6mm
適用電線範囲
Wire Size
AWG ♯22∼♯28
RMH コネクタ
極間ピッチ
Pitch between poles
2.5mm ピッチ
製品名
Product Name
RMH connector
特長 FEATURES
仕様 SPECIFICATION
ファイル番号
File No.
UL, C-UL
E120251
取得規格 APPLIED REGULATIONS


Similar Part No. - RMH

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH RFE-RMH Datasheet
1Mb / 5P
SMD Resistor - High Power
OCT-27-2023
logo
Taiyo Yuden (U.S.A.), I...
RMH-10V331MG10U-R2 TAIYO-YUDEN-RMH-10V331MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V331MG10UQ-R2 TAIYO-YUDEN-RMH-10V331MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V471MG10U-R2 TAIYO-YUDEN-RMH-10V471MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V471MG10UQ-R2 TAIYO-YUDEN-RMH-10V471MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
More results

Similar Description - RMH

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
Rectangular Connectors
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
OptoSupply Internationa...
OSM5DK71A1B OPTOSUPPLY-OSM5DK71A1B Datasheet
137Kb / 1P
2x5x7mm Rectangular Warm White
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
03-09-1028 MOLEX11-03-09-1028 Datasheet
57Kb / 1P
.093/(2.36) HOUSINGS PLUG & RECEPTACLE 2 CIRCUIT, .248 / (6.30)
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
Japan Automatic Machine...
SMH JAM-SMH Datasheet
454Kb / 6P
Connector Header Through Hole 3 position 0.098" (2.50mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com