Electronic Components Datasheet Search
  English  ▼

X  

RMH Datasheet(PDF) 4 Page - Japan Automatic Machine Co., Ltd.

Part # RMH
Description  2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

RMH Datasheet(HTML) 4 Page - Japan Automatic Machine Co., Ltd.

  RMH Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. RMH Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wire to Wire
Connector
194
RMH
極 数
Pole No.
製品番号
Product No.
製品番号
Product No.
B
材 質
Material
2
RMH25-02M
★RMH25-08M
2.5
ナイロン66
(Nylon66)
UL94 V-0
3
RMH25-03M
RMH25-09M
5.0
4
RMH25-04M
RMH25-10M
7.5
5
RMH25-05M
RMH25-11M
10.0
6
RMH25-06M
RMH25-12M
12.5
7
RMH25-07M
RMH25-13M
RMH25-02MP
★RMH25-08MP
RMH25-03MP
★RMH25-09MP
RMH25-04MP
★RMH25-10MP
RMH25-05MP
★RMH25-11MP
★RMH25-06MP
★RMH25-12MP
★RMH25-07MP
★RMH25-13MP
A
6.5
9.0
11.5
14.0
16.5
21.5
15.0
17.5
20.0
22.5
25.0
27.5
24.0
26.5
29.0
29.0
31.5
34.0
30.0
8
9
10
11
12
13
(UNIT:mm)
REC ハウジング 
REC HOUSING
8∼13P
5∼7P
2P
3P
4P
B
B
B
B
A
A
A
A
A
No.1
No.1
No.1
No.1
No.1
B
MPタイプ(MP type)
Mタイプ(M type)
2P
3P
4∼5P
6∼7P
8∼13P
No.1
B
7.1
5.4
A
No.1
B
5.4
A
7.1
2.5
No.1
5.4
7.1
B
A
2.5
No.1
A
B
7.1
5.4
2.5
No.1
A
B
2.5
5.4
7.1
注)★印は現在計画中です。
(Under development)
1000
1000
個数/袋
Quantity/Bag
1000
個数/袋
Quantity/Bag



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com