Electronic Components Datasheet Search
  English  ▼

X  

LAD-360D Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LAD-360D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPECIFICATION FOR
COMMUNICATION FUNCTION MODEL (U Version)
UART
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
BATTERY CUTOFF
AC CURRENT (Typ.)
UL6
-1
2368 , BS EN/EN62368-1, AS/NZS62368.1, EAC TP TC 004 approved; Design refer to GB 17945-2010, GB4717
-20 ~ +60℃ (Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-30 ~ +85℃, 10 ~ 95% RH non-condensing
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes
0.75Kg; 15pcs/12.25Kg/0.7CUFT
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note 4 & 5)
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH
℃
μμ




http://www.meanwell.com)










℃℃
※
:https://www.meanwell.com/serviceDisclaimer.aspx
OUTPUT NUMBER
215*115*30mm (L*W*H)
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Conducted
Radiated
Harmonic Current
Voltage Flicker
Standard
Standard
BS EN/EN55032 (CISPR32),
EAC TP TC 020
BS EN/EN55032 (CISPR32),
EAC TP TC 020
BS EN/EN61000-4-2
BS EN/EN61000-4-3
BS EN/EN61000-4-4
BS EN/EN61000-4-5
BS EN/EN61000-4-6
BS EN/EN61000-4-8
Test Level / Note
Test Level / Note
Class A
Class A
-----
-----
-----
-----
FUNCTION
CHARGER CIRCUIT FAIL
AC OK
Battery
, battery reverse polarity , signal failure
disconnected
2000ms, 50ms/230VAC
2000ms, 50ms/115VAC at full load
47 ~ 63Hz
86%
86.5%
8A/115VAC
4A/230VAC
COLD START 60A/115VAC
60A/230VAC
<0.5mA / 240VAC
CH1:105 ~ 135%
CH2:90 ~ 110%
21.5V±0.5V
32V±0.5V
CH1:31 ~ 36V
CH1:47 ~ 55V
LAD-360BU
LAD-360CU
27.6V
CH2
41.5V
CH2
27.6V
CH1
41.5V
CH1
11.5A
7.14A
0 ~ 13A
0 ~ 8.64A
358.8W
358.56W
--------
--------
150mVp-p
240mVp-p
CH1: 21.6 ~ 29V
CH1: 32.4 ~ 43.5V
--------
--------
--------
--------
--------
--------
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
90 ~ 132VAC / 180 ~ 264VAC by switch
240 ~ 370VDC
(Default switch at 230VAC)
16ms/230VAC
12ms/115VAC at full load
86.5%
43V±0.5V
CH1:59 ~ 69V
LAD-360DU
55.2V
CH2
55.2V
CH1
5.03A
0 ~ 6.53A
360.46W
--------
240mVp-p
CH1: 43.5 ~ 58V
--------
--------
--------
±0.5%
±0.5%
±0.5%
BATTERY STATIC DISCHARGE
CURRENT
<100μA
BUZZER ALARM
Battery low( fire alarm system selectable by UART)
OVER TEMPERATURE
BATTERY REVERSE POLARITY Protected when reverse polarity ,
, recovers automatically after fault condition is removed
no damage
Level 3, 8KV air ; Level 2, 6KV contact; criteria A
Level 3, 10V/m ; criteria A
Level 3, 2KV ; criteria A
Level 3, 1KV/Line-Line ;2KV/Line-FG ;criteria A
Level 3, 10V ; criteria A
Level 4, 30A/m ; criteria A
115VAC Input :
when input voltage <75VAC
Signals AC failure and activates
Recover the main power supply when input voltage >85VAC
230VAC Input :
when input voltage <165VAC
Signals AC failure and activates
Recover the main power supply when input voltage >175VAC
AC fail, Battery low,
disconnected
selectable by
battery
, battery reverse connect, overload status (evacuation system
UART)
Protection type : Shut down o/p voltage, re-power on to removed
Protection type : Shut down o/p voltage, re-power on to removed
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
Protection type : CH1 OLP, CH2 with battery: The unit will enter to UPS mode when CH1 is around 105%~120%,
when total output of CH1 + CH2 reach around 125%~135% output shuts down
CH1 OLP, CH2 without battery:Shut down o/p voltage,re-power on to removed
CH2 : Constant current limiting; fault condition does not affect CH1 working,recovers automatically after fault
condition is removed (External fuse is mandatory in series connection with battery for protection)
File Name:LAD-360-SPEC 2022-10-14
1.5A(Battery Charger)
--------
1.5A(Battery Charger)
--------
1.5A(Battery Charger)
--------
1160.5K hrs min.
Telcordia SR-332 (Bellcore);
126.5K hrs min.
MIL-HDBK-217F (25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com