Electronic Components Datasheet Search
  English  ▼

X  

LAD-360D Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
File Name:LAD-360-SPEC 2022-10-14
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
◎ Charging curve
Charge Current
Constant Current
Constant Voltage
Start
Charge Voltage
100% CC
10% CC
bat.
V
Charge Current
Constant Current
Constant Voltage
Start
Charge Voltage
100% CC
10% CC
bat.
V
◎ Apply to Lead-acid batteries
◎ Apply to Li-ion batteries
◎ Charging curve
Pin 5 & 6
2.2 Charging Curve for Different Battery
(U version only)
Short
Open
Battery Type
16
15
6
5
Li-ion batteries
Lead-acid (Pb) batteries
Pin 3 & 4
Status
4
3
Short
Open
Normal
16
15
Remote UPS control
Note:
nd
2 priority of UPS mode: UPS function can be activate by controlling with this signal, since the controller is still normal,
the relay can be controlled through communication protocol.
Pin 7 & 8
2.3 Mode Selection for Buzzer
(U version only)
Short
Open
Status
16
15
8
7
Evacuation system
Fire alarm system
Note:
LAD-360BU Open circuit for fire alarm,Short circuit for evacuation ; LAD-360CU/DU Open circuit for evacuation,Short circuit for fire alarm.
Remote UPS mode:
According to fire safety regulation, UPS power supply must equip with remote UPS function. So the power supply unit can
be linked to the fire alarm system, user's system will be able to detect the status of PIN3 and PIN4 LAD-360xU with UART
communication. When PIN 3 and PIN 4 is shorted, the power supply will enter remote UPS mode, therefore the UPS mode
will be active and the status signal will also send to the fire alarm system for indication. Personal or the system can use the
signal as trigger threshold for other alarm systems to decide when and how to enter the emergency sequence. Under this
condition, BAT. UVP alarm and protection are still active.
※



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com