Electronic Components Datasheet Search
  English  ▼

X  

LAD-360D Datasheet(PDF) 11 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 11 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Mechanical Specification
※ Terminal Pin No. Assignment(TB1)
Pin No.
Assignment
AC/L
FG
AC/N
DC OUTPUT -V
BAT -
DC OUTPUT +V
BAT +
5
6
2
3
4
1
7
Case No.
Unit:mm
File Name:LAD-360-SPEC 2022-10-14
Case No.
Unit:mm
47.45
15
32.5
150
TB1
CN2
215
4-M4(Both Sides) L=6mm
150
6.5
6.5
direction
Air flow
32.5
2
TB1
CN2
(
x)
LAD-360
(LAD-360xU)
1
2
3
4
5
6
7
DC OUTPUT -V and BAT - can not be shorted.
BAT. connected/
Disconnected S.W
AC ON/OFF S.W
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
※ Connector Pin No. Assignment(CN2) (LAD-360x)
2
3
7,8
1
TKP DH2
TKP
AC OK
4
GND
5
6
Battery low
Discharge
Open : normal
Short : forced start UPS mode
Pin No.
Assignment(TTL Signal)
Mating Housing
Terminal
or equivalent
or equivalent
Battery full
Battery disconnect/
reverse polarity
※ Connector Pin No. Assignment(CN2) (LAD-360xU)
TKP DH2
TKP
or equivalent
or equivalent
1,2
Short : forced start
Open : normal
3,4
5,6
7,8
9
10
11
12
13
14
15
BAT1
BAT2
NC
BAT3
UART_RX
UART_TX
GND
Short : Remote UPS control
Open : normal
Short : Li- ion batteries
Open : Lead-acid (Pb) batteries
Fire alarm/
evacuatione option
Terminal
Pin No.
Assignment
Mating Housing
16
3.3V
+3.3V(ref) for testing use only;can't supply power over 1mA for a long time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com