Electronic Components Datasheet Search
  English  ▼

X  

LAD-360D Datasheet(PDF) 10 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 10 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
File Name:LAD-360-SPEC 2022-10-14
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
Between pin 4 and pin 6
(0.3V max. at 30mA)
(External applied voltage 50V max.)
Low
High or open
Description
2
1
8
7
The signal is "Low" when the power supply is discharging
The signal is "High" when the main power is working
R
V
4
6
3.5 Discharge: Discharge detection
Pin 7 & 8
Short
Open
Status
Forced start UPS mode
Normal
2
1
8
7
TTL Signal for Blank version
3.6 Forced Start: Forced start UPS mode
TTL Signal for Blank version
Signal for UART Version
Forced Start is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html
Signal for UART Version
Discharge is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com