Electronic Components Datasheet Search
  English  ▼

X  

TMF3202Z Datasheet(PDF) 2 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 2 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
□ DC Characteristics
( T
j = 25 ℃, unless otherwise specified )
Page 2 of 8
http://www.tachyonics.co.kr
October. 2005.
Rev. 1.0
Cross-modulation
Noise figure
Power gain
Reverse transfer capacitance
Output capacitance
Input capacitance at gate2
Input capacitance at gate1
Forward transfer admittance
PARAMETER
MAX.
TYP.
㏈㎶
-
105
100
k=1%, fw=50MHz;
funw=60MHz AGC = 40dB
㏈㎶
-
92
-
k=1%, fw=50MHz;
funw=60MHz AGC = 10dB
㏈㎶
-
-
90
k=1%, fw=50MHz;
funw=60MHz AGC = 0dB
X
mod
㏈
2.0
1.5
-
f=800MHz; Zi = S11 opt(NF)
㏈
-
1.2
-
f=400MHz; Zi = S11 opt(NF)
NF
㏈
-
27
24
f=800MHz; Zi = S11
*, Zo = S22*
㏈
-
30
27
f=400MHz; Zi = S11
*, Zo = S22*
㏈
-
33
30
f=200MHz; Zi = S11
*
, Zo = S22
*
Gtr
fF
25
15
-
f=1MHz
C
rss
㎊
-
0.9
-
f=1MHz
C
oss
㎊
-
3.3
-
f=1MHz
C
ig2-ss
㎊
2.2
1.7
-
f=1MHz
C
ig1-ss
mS
40
30
25
Tj=25℃
Iy
FSI
UNIT
MIN.
CONDITIONS
SYMBOL
□ AC Characteristics
( Common source; T
a = 25 ℃, VG2-S = 4V, VDS =5V, ID =12mA ;unless otherwise specified )
Preliminary Specification
TMF3202Z
Gate2 cut-off current
Gate1 cut-off current
Drain-source current
Gate2-source threshold voltage
Gate1-source threshold voltage
Forward source-gate2 voltage
Forward source-gate1 voltage
Gate2-source breakdown voltage
Gate1-source breakdown voltage
Drain-source breakdown voltage
PARAMETER
10
10
16
1.2
1.0
1.5
1.5
10
10
-
MAX.
㎁
-
V
G2-S=5V; VG1-S=VDS=0
I
G2-S
㎁
-
V
G1-S=5V; VG2-S=VDS=0
I
G1-S
㎃
8
V
G2-S=4V; VDS=5V; RG=62㏀
I
DSX
V
0.3
V
DS=5V; VG1-S=4V; ID=100㎂
V
G2-S(th)
V
0.3
V
DS=5V; VG2-S=4V; ID=100㎂
V
G1-S(th)
V
0.5
V
G1-S=VDS=0; IS-G2=10㎃
V
(F)S-G2
V
0.5
V
G2-S=VDS=0; IS-G1=10㎃
V
(F)S-G1
V
6
V
G1-S=VDS=0; IG2-S=10㎃
V
(BR)G2-SS
V
6
V
G2-S=VDS=0; IG1-S=10㎃
V
(BR)G1-SS
V
10
V
G1-S=VG2-S=0; ID=10㎂
V
(BR)DSS
UNIT
MIN.
CONDITION
SYMBOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com