Electronic Components Datasheet Search
  English  ▼

X  

TMF3202Z Datasheet(PDF) 3 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 3 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
http://www.tachyonics.co.kr
October. 2005.
Rev. 1.0
Page 3 of 8
Preliminary Specification
TMF3202Z
Scattering parameters
□ Pin Configuration
□ Making
□ Equivalent circuit (Top view)
□ Test circuit
DB1
1
3
2
4
GATE2
3
GATE1
4
DRAIN
2
SOURCE
1
DESCRIPTION
PIN
Fig1. Test Cross-modulation test set-up
2
1
R
RL
R=50 Ohm
1
2
L
LD
L=2.2 uH
2
1
C
CD
C=4.7 nF
2
1
V_AC
SRC1
2
1
R
RSOURCE
R=50 Ohm
1
2
1
R
RGB
R=68 kOhm
1
1
2
V_DC
VGB
2
1
C
CIN
C=4.7 nF
2
1
R
RIN
R=50 Ohm
1
12
V_DC
VAGC
2
1
R
RAGC
R=10 kOhm
1
21
C
CAGC
C=4.7 nF
21
C
CDB
C=4.7 nF
1
2
3
4
tachyonics
X1
1
1
1
2
V_DC
VDB
1
1
1
2
Diode
DIODE2
1
2
Diode
DIODE1
1
1
2
3
4
tachyonics
X2
1
3
2
4
1
2
Diode
DIODE1
1
2
Diode
DIODE2
1
2
3
4
tachyonics
X1
1
2
3
4
tachyonics
X2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com