Electronic Components Datasheet Search
  English  ▼

X  

TMF3202Z Datasheet(PDF) 7 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 7 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Fig13. Input admittance as a function of
frequency
Page 7 of 8
http://www.tachyonics.co.kr
Octorber. 2005.
Rev. 1.0
Fig14. Reverse transfer admittance and phase
as a function of frequency
Fig15. Forward transfer admittance and
phase as a function of frequency
Fig16. Output admittance as a function of
frequency
0.01
0.10
1.00
10.00
10
100
1000
f [MHz]
bos
gos
0
1
10
100
10
100
1000
f [MHz]
bis
gis
V
DS= 5V, V G2-S = 4V
V
DS= 5V, V G2-S = 4V
Preliminary Specification
TMF3202Z
V
DS= 5V, V G2-S = 4V
V
DS= 5V, V G2-S = 4V
□ Graphs
1
10
100
10
100
1000
f [MHz]
1
10
100
|yfs|
φfs
-100
-10
-1
1
10
100
1000
10
100
1000
f [MHz]
1
10
100
1000
|yrs|
φrs
-1000
-100
-10
-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com