Electronic Components Datasheet Search
  English  ▼

X  

TMF3202Z Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
□ Description
The TMF3202Z is an enhancement type N-channel field-effect
transistor. The source and substrate are interconnected. Internal
bias circuits enable DC stabilization and a very good cross-
modulation performance during AGC. Integrated diodes between
the gates and source protect against excessive input voltage
surges. The transistor has a SOT343 micro-miniature plastic
package.
□ Features
- Gain controlled amplifier with AGC
- Integrated gate protection diodes
- High AGC-range, high gain, low noise figure
□ Applications
- Gain controlled input stage for UHF and VHF tuners
- Professional communications equipment
Page 1 of 8
http://www.tachyonics.co.kr
October. 2005.
Rev. 1.0
N-Channel Dual-Gate MOSFET
Preliminary Specification
TMF3202Z
□ Absolute Maximum Ratings (T
a = 25 ℃)
Drain-Source Voltage
Drain Current
Gate 1 Current
Total Power Dissipation
Storage Temperature
Operating Junction Temperature
Ratings
Unit
VDS
10
V
Parameter
Symbol
Ptot
200
mW
mA
IG1
±10
mA
ID
30
℃
Tj
150
℃
Tstg
-65 ~ 150
Caution : Electro Static Discharge sensitive device, observe handling precaution
SOT343
1. SOURCE
3. GATE 2
2. DRAIN
4. GATE 1
Unit in mm
2
3
1
4


Similar Part No. - TMF3202Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
TMF3201J TACHYONICS-TMF3201J Datasheet
210Kb / 8P
Dual N-Channel Dual-Gate MOSFET
More results

Similar Description - TMF3202Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
Dual N-channel dual gate MOSFET
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
Dual N-channel dual gate MOSFET
BF1214_2015 JMNIC-BF1214_2015 Datasheet
218Kb / 18P
Dual N-channel dual gate MOSFET
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com