Electronic Components Datasheet Search
  English  ▼

X  

F10NK50Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # F10NK50Z
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F10NK50Z Datasheet(HTML) 5 Page - STMicroelectronics

  F10NK50Z Datasheet HTML 1Page - STMicroelectronics F10NK50Z Datasheet HTML 2Page - STMicroelectronics F10NK50Z Datasheet HTML 3Page - STMicroelectronics F10NK50Z Datasheet HTML 4Page - STMicroelectronics F10NK50Z Datasheet HTML 5Page - STMicroelectronics F10NK50Z Datasheet HTML 6Page - STMicroelectronics F10NK50Z Datasheet HTML 7Page - STMicroelectronics F10NK50Z Datasheet HTML 8Page - STMicroelectronics F10NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Collector-emitter on voltage vs temperature
Figure 2. Collector-emitter on voltage vs temperature
Figure 3. Collector-emitter on voltage vs temperature
Figure 4. Self clamped inductive switch
ISCIS
24
16
8
0
0
4
L(mH)
(A)
2
6
T
J =25°C
VGE=5V
VCE=50V
T
J=150°C
8
AM03942v1
Figure 5. Output characteristics at 25 °C
0
10
20
30
40
50
60
TC = 25 °C
VGE = 3 .8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
→
VCE (V)
IC (A)
HV42380
0
1
2
3
4
5
Figure 6. Output characteristics at -40 °C
0
10
20
30
40
50
60
0
1
2
3
4
5
6
TC = -40 °C
VGE = 3.8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
VCE (V)
IC (A)
HV42390
STGB18N40LZT4
Electrical characteristics (curves)
DS5664 - Rev 7
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com