Electronic Components Datasheet Search
  English  ▼

X  

F10NK50Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # F10NK50Z
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F10NK50Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button F10NK50Z Datasheet HTML 2Page - STMicroelectronics F10NK50Z Datasheet HTML 3Page - STMicroelectronics F10NK50Z Datasheet HTML 4Page - STMicroelectronics F10NK50Z Datasheet HTML 5Page - STMicroelectronics F10NK50Z Datasheet HTML 6Page - STMicroelectronics F10NK50Z Datasheet HTML 7Page - STMicroelectronics F10NK50Z Datasheet HTML 8Page - STMicroelectronics F10NK50Z Datasheet HTML 9Page - STMicroelectronics F10NK50Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 7. Output characteristics at 175 °C
0
10
20
30
40
50
60
0
1
2
3
4
5
6
TC = 175 °C
VGE = 3.8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
VCE (V)
IC (A)
HV42400
Figure 8. Transfer characteristics
0
5
10
15
20
25
30
35
40
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGE (V)
IC (A)
VCE= 5V
25°C
-40°C
175°C
0
5
10
15
20
25
30
35
40
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGE (V)
IC (A)
VCE= 5V
25°C
-40°C
175°C
HV38710
Figure 9. Collector cut-off current vs temperature
Figure 10. Normalized collector emitter voltage vs
temperature
Figure 11. Normalized gate threshold voltage vs
temperature
Figure 12. Normalized collector emitter on voltage vs
temperature
STGB18N40LZT4
Electrical characteristics (curves)
DS5664 - Rev 7
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com