Electronic Components Datasheet Search
  English  ▼

X  

F10NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # F10NK50Z
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F10NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  F10NK50Z Datasheet HTML 1Page - STMicroelectronics F10NK50Z Datasheet HTML 2Page - STMicroelectronics F10NK50Z Datasheet HTML 3Page - STMicroelectronics F10NK50Z Datasheet HTML 4Page - STMicroelectronics F10NK50Z Datasheet HTML 5Page - STMicroelectronics F10NK50Z Datasheet HTML 6Page - STMicroelectronics F10NK50Z Datasheet HTML 7Page - STMicroelectronics F10NK50Z Datasheet HTML 8Page - STMicroelectronics F10NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TAB
1
3
D2PAK
C (2 or TAB)
E (3)
G (1)
RG
RGE
IGBTG1C2TABE3ESD
Features
•
AEC-Q101 qualified
•
SCIS energy of 180 mJ @ TC = 150 °C, L = 3 mH
•
Parts are 100% tested in SCIS
•
ESD gate-emitter protection
•
Gate-collector high voltage clamping
•
Logic level gate drive
•
Very low saturation voltage
•
High pulsed current capability
•
Gate and gate-emitter resistor
Applications
•
Pencil coil electronic ignition driver
Description
This application-specific IGBT utilizes the most advanced PowerMESH technology
optimized for coil driving in the harsh environment of automotive ignition systems.
The device show very low on-state voltage and very high SCIS energy capability over
a wide operating temperature range. Moreover, ESD-protected logic level gate input
and an integrated gate resistor means no external protection circuitry is required.
Product status link
STGB18N40LZT4
Product summary
Order code
STGB18N40LZT4
Marking
GB18N40LZ
Package
D²PAK
Packing
Tape and reel
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
STGB18N40LZT4
Datasheet
DS5664 - Rev 7 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - F10NK50Z

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
F10N60 WXDH-F10N60 Datasheet
964Kb / 11P
10A 600V N-channel Enhancement Mode Power MOSFET
F10N60 WXDH-F10N60 Datasheet
976Kb / 11P
10A 600V N-channel Enhancement Mode Power MOSFET
F10N60 WXDH-F10N60 Datasheet
964Kb / 11P
10A 600V N-channel Enhancement Mode Power MOSFET
F10N60 WXDH-F10N60 Datasheet
963Kb / 11P
10A 600V N-channel Enhancement Mode Power MOSFET
F10N65 WXDH-F10N65 Datasheet
1Mb / 10P
10A 650V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - F10NK50Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
28-May-2013
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
05-Oct-2016
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
21-Feb-2018
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
13-Feb-2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
20-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com