Electronic Components Datasheet Search
  English  ▼

X  

HCPL-655X Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-655X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-655X Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-655X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Recommended Operating Conditions
ESD Classification
(MIL-STD-883, Method 3015)
Single Channel 8 Pin, Dual Channel 16 Pin, and LCCC Only
Absolute Maximum Ratings
No derating required up to +125° C.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature Range
TS
-65°
+150°
C
Operating Ambient Temperature
TA
-55°
+125°
C
Junction Temperature
TJ
+175°
C
Case Temperature
TC
+170°
C
Lead Solder Temperature (1.6 mm below seating plane)
260° for 10 s
C
Average Input Forward Current
IF AVG
20
mA
Peak Forward Input Current (each channel,
≤ 1 ms duration)
IFPK
40
mA
Reverse Input Voltage
BVR
See Electrical Characteristics
Average Output Current, each channel
IO
8mA
Peak Output Current, each channel
IO
16
mA
Supply Voltage
VCC
-0.5
20
V
Output Voltage
VO
-0.5
20
V
Input Power Dissipation, each channel
36
mW
Output Power Dissipation, each channel
50
mW
Package Power Dissipation, each channel
PD
200
mW
Emitter Base Reverse Voltage
VEBO
3V
Base Current, each channel
IB
5mA
4N55, 4N55/883B, HCPL-257K, HCPL-5500/01/0K, and HCPL-6530/31/3K
(
∆), Class 1
HCPL-5530/31/3K, HCPL-6550/51/5K
(Dot), Class 3
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL
250
µA
Input Current, High Level
IFH
12
20
mA
Supply Voltage, Output
VCC
218
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com