Electronic Components Datasheet Search
  English  ▼

X  

HCPL-655X Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-655X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-655X Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-655X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Notes:
1. Each channel of a multi-channel device.
2. Current Transfer Ratio is defined as the ratio
of output collector current, IO, to the
forward LED input current, IF, times 100%.
CTR is known to degrade slightly over the
unit’s lifetime as a function of input current,
temperature, signal duty cycle, and system
on time. Refer to Application Note 1002 for
more detail. ln short, it is recommended that
designers allow at least 20-25% guardband
for CTR degradation.
3. All devices are considered two-terminal
devices; measured between all input leads
or terminals shorted together and all output
leads or terminals shorted together.
4. The 4N55, 4N55/883B, HCPL-257K, HCPL-
6530, HCPL-6531, and HCPL-653K dual
channel parts function as two independent
single channel units. Use the single channel
parameter limits. IF = 0 mA for channel
under test and IF = 20 mA for other
channels.
5. Measured between adjacent input pairs
shorted together for each multichannel
device.
Typical Characteristics
All typical values are at TA = 25°C, VCC = 5 V, unless otherwise specified.
6. tPHL propagation delay is measured from the
50% point on the leading edge of the input
pulse to the 1.5 V point on the leading edge
of the output pulse. The tPLH propagation
delay is measured from the 50% point on the
trailing edge of the input pulse to the 1.5 V
point on the trailing edge of the output
pulse.
7. CML is the maximum rate of rise of the
common mode voltage that can be
sustained with the output voltage in the
logic low state (VO < 0.8 V). CMH is the
maximum rate of fall of the common mode
voltage that can be sustained with the
output voltage in the logic high state (VO >
2.0 V).
8. Bandwidth is the frequency at which the ac
output voltage is 3 dB below the low
frequency asymptote. For the HCPL-5530
the typical bandwidth is 2 MHz.
9. This is a momentary withstand test, not an
operating condition.
10. Higher CTR minimums are available to
support special applications.
11. Measured between each input pair shorted
together and all output connections for that
channel shorted together.
12. Standard parts receive 100% testing at 25°C
(Subgroups 1 and 9). SMD and 883B parts
receive 100% testing at 25, 125, and -55°C
(Subgroups 1 and 9, 2 and 10, 3 and 11,
respectively).
13. Not required for 4N55, 4N55/883B, HCPL-
257K, 5962-8767901, and 5962-8767905
types.
14. Required for 4N55, 4N55/883B, HCPL-257K,
5962-8767901, and 5962-8767905 types only.
Parameter
Symbol
Test Conditions
Typ.
Units
Fig.
Notes
Input Capacitance
CIN
VF = 0 V, f = 1 MHz
60
pF
1
Input Diode Temperature Coefficient
∆V
F/
∆T
A
IF = 20 mA
-1.5
mV/°C
1
Resistance (Input-Output)
RI-O
VI-O = 500 V
1012
Ω
3
Capacitance (Input-Output)
CI-O
f = 1 MHz
1.0
pF
1, 11
Transistor DC Current Gain
hFE
VO = 5 V, IO = 3 mA
250
-
1
Small Signal Current Transfer Ratio
∆I
O/
∆I
F
VCC = 5 V, VO = 2 V
21
%
7
1
Common Mode Transient Immunity
at Logic High Level Output
|CMH|IF = 0 mA, RL = 8.2 k
Ω,
VO (min) = 2.0 V,
VCM = 10 VP-P
1000
V/
µs10
1, 7
Common Mode Transient Immunity
at Logic Low Level Output
|CML|IF = 16 mA, RL = 8.2 k
Ω,
VO (max) = 0.8 V,
VCM = 10 VP-P
-1000
V/
µs10
1, 7
Bandwidth
BW
9
MHz
8
8
Multi-Channel Product Only
Parameter
Symbol
Test Conditions
Typ.
Units
Notes
Input-Input Insulation Leakage Current
II-I
RH
≤ 65%, V
I-I = 500 V, t = 5 s
1
pA
5, 9
Resistance (Input-Input)
RI-I
VI-I = 500 V
1012
Ω
5
Capacitance (Input-Input)
CI-I
f=1 MHz
0.8
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com