Electronic Components Datasheet Search
  English  ▼

X  

HCPL-655X Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-655X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-655X Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-655X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 1. Input Diode Forward Current vs.
Forward Voltage.
Figure 2. DC and Pulsed Transfer
Characteristic.
Figure 3. Normalized Current Transfer Ratio
vs. Input Diode Forward Current.
Figure 4. Logic High Output Current vs.
Temperature.
Figure 5. Logic Low Supply Current vs. Input
Diode Forward Current.
Figure 6. Propagation Delay vs. Temperature.
Figure 7. Normalized Small Signal Current
Transfer Ratio vs. Quiescent Input Current.
-60
140
100
0.001
TA - TEMPERATURE - ˚C
-40
20 40 60
10
1
0.1
120
0.01
-20
80
0
100
IF = 250 µA,
IF (OTHER CHANNELS) = 20 mA
IF = 0 µA,
IF (OTHER CHANNELS) = 20 mA
IF = IF (OTHER CHANNELS)
= 0 mA
VCC = VO = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com