Electronic Components Datasheet Search
  English  ▼

X  

HCPL-655X Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-655X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-655X Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-655X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-655X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Figure 11. Recommended Logic Interface.
Figure 12. Operating Circuit for Burn-In and
Steady State Life Tests. All Channels Tested
Simultaneously.
V FF
GND
VCC
IF
V CM
R L
+5 V
V O
+
PULSE GEN.
NOTE: BASE LEAD NOT CONNECTED.
A
B
D.U.T.
RM
SINGLE CHANNEL OR
COMMON V CC DEVICES
-
Figure 10. Test Circuit for Transient Immunity and Typical Waveforms.
GND
V CC
D.U.T.
R L
220
Ω
5 V
V CC
LOGIC GATE
0.01 µF
EACH CHANNEL
TTL
GND
VCC
VO
D.U.T.*
NOTE: BASE LEAD NOT CONNECTED.
T A = +125 ˚C
VOC
NOMINAL CONDITIONS
PER CHANNEL: IF = 20 mA
IO = 4 mA
ICC = 30 µA
VCC
VIN
+
(EACH OUTPUT)
(EACH INPUT)
0.1 µF
-
*The equivalent output load resistance is affected by the LSTTL input current and is
approximately 8.2 k
Ω. This is a worst case design which takes into account 25%
degradation of CTR. See App. Note 1002 to assess actual degradation and lifetime.
Logic Family
LSTTL
CMOS
Device No.
54LS14
CD40106BM
VCC
5 V
5 V
15 V
RL 5% Tolerance
18 k
Ω *8.2 kΩ
22 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com