Electronic Components Datasheet Search
  English  ▼

X  

EMDB6812 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EMDB6812
Description  The EMDB6812 is based on two PCBs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMDB6812 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EMDB6812 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
R
EMDB6812
Copyright © 2004, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
2.5 PARTLIST
Description
Designator
Footprint
Value
Constructor
Ref Constructor
Battery Support for Typ 2032
BT1
BAT-2
KEYSTONE
Polarized Capacitor (Surface Mount)
C1
2917
10uF
Polarized Capacitor (Surface Mount)
C2
1206
100nF
Polarized Capacitor (Surface Mount)
C3
1206
100nF
Polarized Capacitor (Surface Mount)
C4
1411
470nF
Polarized Capacitor (Surface Mount)
C5
1411
470nF
Polarized Capacitor (Surface Mount)
C6
1411
470nF
Capacitor (Semiconductor SIM Model)
C7
1206
100nF
Capacitor (Semiconductor SIM Model)
C8
1206
470nF
Header, 5-Pin, Dual row
CON1
HDR2X5
Header, 8-Pin
CON2
HDR1X8
Header, 3-Pin, Dual row
CON5
HDR2X3
DB9, Right Angle
CON6
DSUB1.385-2H9
Header, 7-Pin, Dual row
CON7
HDR2X7
DIP Switch
DIP1-8
DIP-16
Multicomp
MCNDI-08S
DIP Switch
DIP2-10
DIP-20
Multicomp
MCNDI-10S
RED GaAs LED
DS1
LED
Temic
TLMT3100
RED GaAs LED
DS2
LED
Temic
TLMT3100
RED GaAs LED
DS3
LED
Temic
TLMT3100
RED GaAs LED
DS4
LED
Temic
TLMT3100
RED GaAs LED
DS5
LED
Temic
TLMT3100
RED GaAs LED
DS6
LED
Temic
TLMT3100
RED GaAs LED
DS7
LED
Temic
TLMT3100
RED GaAs LED
DS8
LED
Temic
TLMT3100
RED GaAs LED
DS9
LED
Temic
TLMT3100
Header, 10-Pin, Dual row
CON3
HDR2X10
Header, 10-Pin, Dual row
CON4
HDR2X10
Header, 10-Pin, Dual row
CON8
HDR2X10
Resistor
R1
1206
27
Resistor
R2
1206
27
Resistor
R3
1206
27
Resistor
R4
1206
27
Resistor
R5
1206
100K
Resistor
R8
1206
100K
Resistor
R9
1206
47
Switch
S1
SPST-2
ITT Canon
KSC421J
Switch
S2
SPST-2
ITT Canon
KSC421J
Switch
S3
SPST-2
ITT Canon
KSC421J
Switch
S4
SPST-2
ITT Canon
KSC421J
Switch
S5
SPST-2
ITT Canon
KSC421J
Switch
S6
SPST-2
ITT Canon
KSC421J
Switch
S7
SPST-2
ITT Canon
KSC421J
Switch
S8
DPDTOS2020
ITT Canon
OS202011MS2QN1
Low profil support 600 Mils DIL24
U2
DIP24
RS-232 Transceiver with AutoShutdown
U3
SSO-G16/X.4
Maxim
MAX3221CAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com