Electronic Components Datasheet Search
  English  ▼

X  

EMDB6812 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EMDB6812
Description  The EMDB6812 is based on two PCBs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMDB6812 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EMDB6812 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 19Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
R
EMDB6812
Copyright © 2004, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
4.4.8
Command EnablePower, 0x81
Power up the Host. This command cannot be used in normal operation. Power-up is only
executed, if Timer reaches 0 or an external key has been pressed.
Start
Cmd
Echo
TX
10000000
10000001
RX
10000001
Subroutine EnablePower(void) ;
4.4.9
Command SetPWM1, 0x82
Sets the PWM output. 0 is off. Can be used for controlling for example a Led-Backlight.
Start
Cmd
Echo
PWM Val.
TX
10000000
10000010
oooooooo
RX
10000010
4.4.10 Command SetPWM2, 0x83
Sets the PWM output. 0 is off. Can be used for controlling for example a Led-Backlight.
Start
Cmd
Echo
PWM Val.
TX
10000000
10000011
oooooooo
RX
10000011
4.4.11 Command SetOutputs, 0x84
Set the Outputs.
Start
Cmd
Echo
PWM Val.
TX
10000000
10000100
xxxxoooo
RX
10000100
EnablePower
Enable Power-Pin
Set TX-Pin to idle
Enable 32kHz Output
EnablePower_End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com