Electronic Components Datasheet Search
  English  ▼

X  

EMDB6812 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EMDB6812
Description  The EMDB6812 is based on two PCBs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMDB6812 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EMDB6812 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
R
EMDB6812
Copyright © 2004, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
•
PowerDown, Powers down the Host (eg. if battery level too low)
•
GetTime, Read the Time from the RTC
•
SetTime, Set the RTC
•
SetTimer, Set a Timer. As soon as it reaches zero, the Host is powered up.
•
SetPWM (eg. PWM Outputs, can be used eg. for Led backlight)
•
SetOutput, Set the Aux outputs
•
GetKeys, Get the Key States
•
GetEOL, get the Battery Level
As soon as the Microcontroller detects that a key has been pressed, it sends the new key-State
automatically to the Host!
4.4 SOFTWARE
The Microprocessor has a Software-Half-Duplex UART incorporated which runs at 2400bps with 1
start-bit, 8 databits and 1 stopbit.
Via this UART the following commands can be executed:
•
PowerDown
•
GetTime
•
SetTime
•
SetTimer
•
SetPWM (eg. For Led backlight)
•
SetOutput
•
GetKeys
•
GetEOL
4.4.1
CPU operation Modes
The 32kHz Oscillator is always on for keeping accurate RTC timing
The CPU clock is switched off during Idle mode
During UART Reception/Transmission the Microcontroller uses the RC Oscillator, which
runs at approximately 1MHz
4.4.2
Main loop
PowerOn Reset
Init
RX on UART?
no
Enable Host
Send echo
Valid command?
Execute Cmd-Routine
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com