Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 4Page - STMicroelectronics L9305 Datasheet HTML 5Page - STMicroelectronics L9305 Datasheet HTML 6Page - STMicroelectronics L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
Pin number
PowerSSO-36
Pin number
TQFP48
Symbol
Function
32
47
VC1
Charge Pump: External Capacitor connection
33
48
VBATP
Supply Voltage: Connected to Protected Battery Voltage (reverse
protection diode and filter against EMC)
34
1
VS_SOL0
Channel 0 Supply Voltage: Connect to Switched Battery Voltage with
reverse protection diode
35
2
LOAD_SOL0 Channel 0 Output
36
3
GND_SOL0 Channel 0 Ground: Ground connection for channel 0 power stage.
–
–
–
Available on TQFP-48 version only
–
9
FS_G_1
Fail Safe Gate: Gate command for external FET Drain used as FS
–
8
FS_S_1
Fail Safe Source: to be connected to external FET Source used as FS.
VDS monitor
–
7
FS_D_1
Fail Safe Drain: to be connected to external FET Drain used as FS. VDS
monitor
–
6
NC
Not Used: To be connected to GND.
–
5
NC
Not Used: To be connected to GND.
–
4
NC
Not Used: To be connected to GND.
–
28
FS_G2
Fail Safe Gate: Gate command for external FET Drain used as FS
–
29
FS_S2
Fail Safe Source: to be connected to external FET Source used as FS.
VDS monitor
–
30
FS_D2
Fail Safe Drain: to be connected to external FET Drain used as FS. VDS
monitor
–
31
FS_D3
Fail Safe Drain: to be connected to external FET Drain used as FS. VDS
monitor
–
32
FS_S3
Fail Safe Source: to be connected to external FET Source used as FS.
VDS monitor
–
33
FS_G_3
Fail Safe Gate: Gate command for external FET Drain used as FS
L9305
Pins description
DS12774 - Rev 8
page 8/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com