Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 16Page - STMicroelectronics L9305 Datasheet HTML 17Page - STMicroelectronics L9305 Datasheet HTML 18Page - STMicroelectronics L9305 Datasheet HTML 19Page - STMicroelectronics L9305 Datasheet HTML 20Page - STMicroelectronics L9305 Datasheet HTML 21Page - STMicroelectronics L9305 Datasheet HTML 22Page - STMicroelectronics L9305 Datasheet HTML 23Page - STMicroelectronics L9305 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
6.1.1
Current set point programming
The targeted average current set point is independently programmable for each channel through the dedicated
SPI register (Channel_x.Current_Set_Point) and it is 13-bit wide. The current resolution is programmable in two
resolution steps through the HILOAD bit (D[8] in Channel_x.Configuration1) which will also set the maximum
regulated current. Below is a brief summary for using HILOAD to select current range and resolution.
•
HILOAD = 0 → Normal current mode - Single bit resolution = 0.25 [mA] - Max Avg. Current 1.5 [A].
TargetAverageCurrent=Setpoint12:0*0.25mA
•
HILOAD = 1 → High current mode - Single bit resolution = 0.33 [mA] - Max Avg. Current 2.0 [A].
TargetAverageCurrent=Setpoint12:0*0.33mA
The maximum guaranteed ripple current for the device’s specified accuracy is 0.5 [A] peak to peak for HILOAD=0
and 0.66 [A] peak to peak for HILOAD=1, so that the max load current for correct current control is
•
1500 mA + 250 mA = 1750 mA for HILOAD = 0
•
2000 mA + 330 mA = 2330 mA for HILOAD = 1
If the channel is enabled and programmed with 0x0000h current set point, the power output is forced with duty
cycle 0 (recirculation path fully on) and the current measurement is disabled; set point codes higher than 0x1770h
are reserved for calibration and offset compensation purposes: in case such codes are selected, the accuracy is
not guaranteed.
When CHx.SETPOINT=0000 and channel x is controlled Hardware mode (CONFIGURATION1.D[2]=0), then
current measurement is disabled and AVGCUR always returns all ‘0’, even if channel x is driven full-on.
6.1.2
PWM switching period programming
The PWM switching period is programmable as shown in the next table, through the dedicated 11-bit field in the
SPI register Channel_x.Control Configuration (CTRLCFG):
Table 11. PWM period and Frequency Programming
PWM code [10:0]
Period [µs]
Frequency
[Hz]
Status
hex
dec
0x000
0
50
20000
Short period/High frequency range
PWM Period = 50 µs + PWM Code D[10:0] * 5 µs
0x001
1
55
18180
…
…
…
…
0x009
9
95
10520
0x00A
10
100
10000
PWM Period = PWM Code D[10:0] * 10 µs
Normal Period/Frequency range.
0x00B
11
110
9090
…
…
…
…
0x681
1665
16650
60.06
0x682
1666
16660
60.02
0x683
1667
16670
60.02
Values clamped to maximum period of 16.67 ms
…
…
16670
60.02
0x7FF
2047
16670
60.02
6.1.3
Current control loop configuration
Hardware current control feedback Frequency Mode is user programmable for either variable or fixed frequency
operation through register Channelx_CTRLCFG, bit D[11].
In fixed frequency current control configuration, the programmed PWM period is exactly the actuated period. The
control algorithm and a Proportional-Integral (PI) processing circuit with ramp-compare control the duty cycle.
In variable frequency current control configuration, the programmed PWM period is the target set point for the
inner frequency control loop. The control algorithm and a zero crossing integrator control both PWM period and
duty cycle. The actual PWM period may differ from the target PWM period, especially during transients.
L9305
Hardware current control
DS12774 - Rev 8
page 20/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com