Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 5Page - STMicroelectronics L9305 Datasheet HTML 6Page - STMicroelectronics L9305 Datasheet HTML 7Page - STMicroelectronics L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
3
Product Characteristics
3.1
Absolute maximum ratings
This part may be irreparably damaged if taken outside the values specified in the next table. Operation above the
absolute maximum ratings may also cause a decrease in reliability. The operating junction temperature range is
from -40 °C to +175 °C. The maximum junction temperature must not be exceeded. All voltages are with respect
to analog ground pin GNDA.
Table 2. Absolute maximum ratings
Pin name
Type
Test condition
Min Typ Max Unit Pin type
VBATP
Global
-0.3
–
40
V
S
VCP
Local Note: VCP-VBATP<13V, VBATP-VCP<0.3V
-0.3
–
50
V
S
VC1, VC3
Local Note: VCx-VBATP<0.3V
-0.3
–
40
V
O
VC2, VC4
Local Note: VCx-VBATP<13V VBATP-VCx<0.3V
-0.3
–
50
V
O
VS_SOLx
Global
-0.3
–
40(1)
V
S
LOAD_SOLx
Global
-0.3
–
40(1)
V
O
GND_SOLx
Local
-0.3
–
0.3
V
I
VDD
Local
-0.3
–
19
V
S
VDDIO
Local
-0.3
–
19
V
S
GNDD
Local
-0.3
–
0.3
V
S
FS_D0
Global
-0.3
–
40
V
I
FS_G0
Local
Internally shorted to FS_S0 (off phase) Note:
FS_G0-FS_S0<13V
-2(2)
–
50
V
O
FS_S0
Global Note: FS_S0-FS_G0<0.3V
-2
–
50
V
O
CS, SCLK, MOSI, EN_DR, RESn,
INx_DISx
Local
-0.3
–
19
V
I
MISO, FAULTn
Local
-0.3
–
19
V
O
1. 35V AMR over life-time, 40V for ISO-pulse transients (as defined in ISO7637-2 standard).
2. biased condition, -0.3V for unbiased conditions/sleep mode.
3.2
Latchup trials
Latch-up tests performed according to JEDEC 78 class 2 Level A
L9305
Product Characteristics
DS12774 - Rev 8
page 9/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com