Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics L9305 Datasheet HTML 16Page - STMicroelectronics L9305 Datasheet HTML 17Page - STMicroelectronics L9305 Datasheet HTML 18Page - STMicroelectronics L9305 Datasheet HTML 19Page - STMicroelectronics L9305 Datasheet HTML 20Page - STMicroelectronics L9305 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
5.10
Power supply electrical specifications
4.75V ≤ VDD ≤ 5.5V; 5.5 ≤ VBATP ≤ 19V; -40°C ≤ Tj ≤ 175°C unless otherwise noted. All voltages refer to GNDA
pin.
Table 9. Power supply electrical performance
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
POR_deglitch
POR analog deglitch
10
18
30
µs
POR
VBATP_stby_cur
VBATP stby current
consumption
VDD = 0 V, VBATP = 13 V
–
–
45
µA
VBATP
VDD_stby_cur
VDD stby current
consumption
VDD < 0.3 V
–
–
1
µA
VDD
VBATP_on_state_cur
VBATP on state current
consumption
VDD = 5 V, VBATP = 13 V, All
channels tristated
5
10
20
mA
VBATP
VDD_on_state_cur
VDD on state current
consumption
VDD = 5 V
20
30
40
mA
VDD
VDDIO_stby_curr
VDDIO stby current
consumption
VDD = 0 V, VDDIO = 5 V
-1
–
1
µA
VDDIO
VDDIO_on_state_curr
VDDIO on state current
consumption
VDD = 5 V, VDDIO = 5 V
–
–
5
mA
VDDIO
V3V3A
Internal analog supply line
Design info, not tested
–
3.3
–
V
V3V3A
V3V3D
Internal digital supply line
Design info, not tested
–
3.3
–
V
V3V3D
fosc_main
Main oscillator frequency
–
-5%
16
5%
MHz
fosc
fosc_aux
Auxiliary oscillator
frequency
–
-5%
16
5%
MHz
fosc_aux
fosc_mod_freq
Spread spectrum
modulation frequency
Design info, not tested
–
125
–
kHz
fosc,
fosc_aux
fosc_mod_index_min
Spread spectrum minimum
modulation index
Guaranteed by scan
-5
–
-2
%
fosc,
fosc_aux
fosc_mod_index_max
Spread spectrum maximum
modulation index
Guaranteed by scan
2
–
5
%
fosc,
fosc_aux
VCP_start
CP initialization time
VBATP = 13 V, CP from VBATP
to VBATP+7 V
–
–
1
ms
CP
tasic_init
Initialization time of ASIC
Time from VDD rising to FAULTn
release, RESn HIGH
–
–
5
ms
VDD,
FAULTN
CP_freq
Charge pump frequency
–
fosc/34
470
fosc/34 kHz
Cx
VCP_out
CP target output voltage
Design info, not tested
–
VBATP+9
–
V
CP
VCP_out_min
Minimum charge pump
output voltage
Iload = 10 mA, solenoid channels
tri-stated, FS disabled, VBATP =
5.5 V
VBATP+7
–
–
V
CP
L9305
Power supply electrical specifications
DS12774 - Rev 8
page 17/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com