Electronic Components Datasheet Search
  English  ▼

X  

LTC2421 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 4Page - Linear Technology LTC2421 Datasheet HTML 5Page - Linear Technology LTC2421 Datasheet HTML 6Page - Linear Technology LTC2421 Datasheet HTML 7Page - Linear Technology LTC2421 Datasheet HTML 8Page - Linear Technology LTC2421 Datasheet HTML 9Page - Linear Technology LTC2421 Datasheet HTML 10Page - Linear Technology LTC2421 Datasheet HTML 11Page - Linear Technology LTC2421 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC2421/LTC2422
24212f
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
VCC (Pin 1): Positive Supply Voltage. Bypass to GND
(Pin 6) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
FSSET (Pin 2): Full-Scale Set Input. This pin defines the
full-scale input value. When VIN = FSSET, the ADC outputs
full scale (FFFFFH). The total reference voltage is
FSSET – ZSSET.
CH0, CH1 (Pins 4, 3): Analog Input Channels. The input
voltage range is – 0.125 • VREF to 1.125 • VREF. For
VREF > 2.5V, the input voltage range may be limited by the
absolute maximum rating of – 0.3V to VCC + 0.3V. Conver-
sions are performed alternately between CH0
and CH1 for the LTC2422. Pin 4 is a No Connect (NC) on
the LTC2421.
ZSSET (Pin 5): Zero-Scale Set Input. This pin defines the
zero-scale input value. When VIN = ZSSET, the ADC
outputs zero scale (00000H).
GND (Pin 6): Ground. Shared pin for analog ground,
digital ground, reference ground and signal ground. Should
be connected directly to a ground plane through a mini-
mum length trace or it should be the single-point-ground
in a single-point grounding system.
CS (Pin 7): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW on CS wakes up the ADC. A
LOW-to-HIGH transition on this pin disables the SDO
digital output. A LOW-to-HIGH transition on CS during the
Data Output transfer aborts the data transfer and starts a
new conversion.
SDO (Pin 8): Three-State Digital Output. During the data
output period, this pin is used for serial data output. When
the chip select CS is HIGH (CS = VCC), the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods, this pin can be used as a conversion status out-
put. The conversion status can be observed by pulling CS
LOW.
INL vs Output Rate
Resolution vs Output Rate
OUTPUT RATE (Hz)
0
16
18
20
40
24212 G28
14
12
10
10 20 30
50 60 70 80 90 100
VCC = 5V
VREF = 5V
FO = EXTERNAL
TA = –45°C
TA = 25°C
TA = 90°C
OUTPUT RATE (Hz)
0
16
18
20
40
24212 G29
14
12
10
10 20 30
50 60 70 80 90 100
VCC = 3V
VREF = 2.5V
FO = EXTERNAL
TA = –45°C
TA = 25°C
TA = 90°C
OUTPUT RATE (Hz)
0 7.5
20
22
75
24212 G30
18
16
25
50
100
24
TA = 25°C
TA = 90°C
TA = –45°C
VCC = 5V
VREF = 5V
fO = EXTERNAL
STANDARD DEVIATION
OF 100 SAMPLES
INL vs Output Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com