Electronic Components Datasheet Search
  English  ▼

X  

LTC2421 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 16Page - Linear Technology LTC2421 Datasheet HTML 17Page - Linear Technology LTC2421 Datasheet HTML 18Page - Linear Technology LTC2421 Datasheet HTML 19Page - Linear Technology LTC2421 Datasheet HTML 20Page - Linear Technology LTC2421 Datasheet HTML 21Page - Linear Technology LTC2421 Datasheet HTML 22Page - Linear Technology LTC2421 Datasheet HTML 23Page - Linear Technology LTC2421 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
LTC2421/LTC2422
24212f
Internal Serial Clock, Autostart Conversion
This timing mode is identical to the internal serial clock,
2-wire I/O described above with one additional feature.
Instead of grounding CS, an external timing capacitor is
tied to CS.
While the conversion is in progress, the CS pin is held
HIGH by an internal weak pull-up. Once the conversion is
complete, the device enters the low power sleep state and
an internal 25nA current source begins discharging the
capacitor tied to CS, see Figure 12. The time the converter
spends in the sleep state is determined by the value of the
external timing capacitor, see Figures 13 and 14. Once the
voltage at CS falls below an internal threshold (
≈1.4V), the
device automatically begins outputting data. The data out-
put cycle begins on the first rising edge of SCK and ends
on the 24th rising edge. Data is shifted out the SDO pin on
each falling edge of SCK. The internally generated serial
clock is output to the SCK pin. This signal may be used to
shift the conversion result into external circuitry. After the
24th rising edge, CS is pulled HIGH and a new conversion
is immediately started. This is useful in applications re-
quiring periodic monitoring and ultralow power. Figure 15
shows the average supply current as a function of capaci-
tance on CS.
It should be noticed that the external capacitor discharge
current is kept very small in order to decrease the con-
verter power dissipation in the sleep state. In the autostart
mode, the analog voltage on the CS pin cannot be
observed without disturbing the converter operation
using a regular oscilloscope probe. When using this con-
figuration, it is important to minimize the external leakage
current at the CS pin by using a low leakage external ca-
pacitor and properly cleaning the PCB surface.
The internal serial clock mode is selected every time the
voltage on the CS pin crosses an internal threshold volt-
age. An internal weak pull-up at the SCK pin is active while
CS is discharging; therefore, the internal serial clock tim-
ing mode is automatically selected if SCK is floating. It is
important to ensure there are no external drivers pulling
SCK LOW while CS is discharging.
DIGITAL SIGNAL LEVELS
The LTC2421/LTC2422’s digital interface is easy to use.
Its digital inputs (FO, CS and SCK in External SCK mode of
operation) accept standard TTL/CMOS logic levels and the
internal hysteresis receivers can tolerate edge rates as
slow as 100
µs.However,someconsiderationsarerequired
Figure 11. Internal Serial Clock, Continuous Operation
APPLICATIO S I FOR ATIO
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2422
VCC
VCC
10k
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
SDO
SCK
(INTERNAL)
CS
LSB20
MSB
EXR
SIG
BIT 4
BIT 0
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
EOC
CH0/CH1
BIT 23
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
24212 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com